Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17843ACB Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 47Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 48Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 49Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 50Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 51Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 52Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 53Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 54Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 131 page
background image
UART Ports
Two UART ports are utilized, a lower port (RXL/TXL) and
an upper port (RXU/TXU). Each port consists of a differ-
ential line driver and differential line receiver. DC-blocking
capacitors or transformers can be used to isolate daisy-
chain devices that are operating at different common-
mode voltages. During communication, the character
encoding provides a balanced signal (50% duty cycle)
that ensures charge neutrality on the isolation capacitors.
UART Transmitter
When no data is being transmitted by the UART, the
differential outputs must be driven to a common level
to maintain a neutral charge difference between the
AC-coupling capacitors or to avoid saturation of the
isolation transformers. In the default idle mode (low-Z),
the transmitter drives both outputs to a logic-low level
to balance the charge on the capacitors; this also works
well with transformer coupling. The high-Z idle mode
(TXLHIZIDLE, TXUHIZIDLE = 1) places the TX pins in a
high-Z state in idle mode, which may be desirable to mini-
mize the effects of charging and discharging the isolation
capacitors. The idle mode for the upper and lower ports
can be controlled independently through the TXLHIZIDLE
and TXUHIZIDLE configuration bits.
UART Receiver
The UART receiver has a wide common-mode input
range to tolerate harsh EMC conditions, which can be
operated in differential mode or single-ended mode per
Table 21. By default, the UART receivers are configured
for differential mode. In single-ended mode, the RXP input
is grounded and the RXN input receives inverse data,
as described in the Applications Information section. In
single-ended mode, the receiver input threshold is nega-
tive so that a zero differential voltage (VRXP, VRXN = 0V)
is considered to be a logic-one and a negative differential
voltage (VRXN high) is a logic-zero.
UART RX Modes
During the first preamble received after a reset, the receiv-
er automatically detects if the received signal is single-
ended and if so, places the receiver in single-ended mode;
therefore, the device must be reset for any change in the
RX-mode hardware configuration to be detected.
The receiver mode is indicated by the ALRTCOMMSEL
bit (for lower port) and ALRTCOMMSEU bit (for upper
port) of the FMEA1 register, as shown in Table 21. If the
RXP input is open circuit, RX-mode detection places the
UART in single-ended mode so the port can still oper-
ate, albeit with reduced noise immunity. The host can
diagnose this condition by checking ALRTCOMMSEL and
ALRTCOMMSEU after any POR event. Any other faults
result in communication errors.
Figure 29. UART Transmitter
TX[U,L][P,N]
VDDL[2,3]
TX[U,L]IDLEHIZ
DRIVE LOW
DRIVE HIGH
GNDL[2,3]
ESD CLAMP
(UARTSTATE=IDLE?)
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com