Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17843ACB Datasheet(PDF) 91 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 91 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 87Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 88Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 89Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 90Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 91Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 92Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 93Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 94Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 95Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 131 page
background image
External Cell Balancing Using BJT Switches
An application circuit for cell balancing that employs
BJT switches is shown in Figure 61. QBALANCE is
selected for power dissipation based on the IB drive
current available and the cell-balancing current. DBASE
protects QBALANCE from negative VGS during hot-plug
events. RBASE protects the device by limiting the hot-
pluginrush current. The cell-balancing current is limited by
RBALANCE. See Table 47 for BJT balancing components.
External Cell-Balancing Short-Circuit Detection
A short-circuit fault in the external balancing path results
in continuous current flow through RBALANCE and
QBALANCE. To detect this fault, the voltage drop across
the sense-wire parasitic resistance must be measurable.
A very small series resistor can added for this purpose.
Figure 61. External Cell Balancing (BJT)
Table 47. BJT Balancing Components
COMPONENT NAME
TYPICAL VALUE OR PART
FUNCTION
RBIAS
22Ω
Voltage-divider for transistor bias
RBASE
15Ω
Hot-plug current-limiting resistor
DBASE
S1B
Reverse emitter-base voltage protection
CBASE
1nF
Transient VBE suppression
RBALANCE
Per balancing-current requirements
Balancing current-limiting resistor
QBALANCE
NST489AMT1
External switch
HV
BALANCING
SWITCH (n)
TO ALTMUX
TO ALTMUX
AGND
Cn-1
BALSWn
RFILTER
RBIAS
CFILTER
CELL n
RFILTER
RBALANCE
CFILTER
CBALFILTER
TO HVMUX
TO HVMUX
TO CELL n-1
TO CELL
n+1
SENSE WIRE
SENSE WIRE
RBIAS
RBASE
DBASE
QBALANCE
CBASE
SWn-1
SWn
Cn
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com