Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986I Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6986I
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I Datasheet(HTML) 5 Page - STMicroelectronics

  A6986I Datasheet HTML 1Page - STMicroelectronics A6986I Datasheet HTML 2Page - STMicroelectronics A6986I Datasheet HTML 3Page - STMicroelectronics A6986I Datasheet HTML 4Page - STMicroelectronics A6986I Datasheet HTML 5Page - STMicroelectronics A6986I Datasheet HTML 6Page - STMicroelectronics A6986I Datasheet HTML 7Page - STMicroelectronics A6986I Datasheet HTML 8Page - STMicroelectronics A6986I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
3
Electrical characteristics
Table 5. Electrical characteristics (TJ = -40 to 135°C, VIN = 12 V unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIN
Operating input voltage range
4
38
V
VIN_H
VCC UVLO rising threshold
2.7
3.5
VIN_L
VCC UVLO falling threshold
2.4
3.5
IPK
Peak current limit
Duty cycle < 20%
2.55
A
Duty cycle = 100% closed loop operation
2.1
IVY
Valley current limit
2.7
IVY_SNK
Reverse current limit
TJ = - 40°C
1.165
1.9
2.755
TJ = 25°C
1.285
1.9
2.61
TJ = 135°C
1.385
1.9
2.425
RDS(on)HS High-side RDSON
ISW = 1 A
0.18
0.36
Ω
RDS(on)LS Low-side RDSON
ISW = 1 A
0.15
0.30
fSW
Selected switching frequency
FSW pinstrapping before SS
See Table 6
IFSW
FSW biasing current
SS ended
0
500
nA
IMLF
MLF biasing current
SS ended
0
500
nA
D
Duty cycle (1)
0
100
%
TON MIN
Minimum on-time
TJ = - 40°C
267
325
379
ns
TJ = 25°C
281
330
383
TJ = 135°C
330
400
461
VCC regulator
VCC
LDO output voltage
VBIAS = GND (no switchover)
2.9
3.3
3.6
V
VBIAS = 5 V (switchover)
2.9
3.3
3.6
SWO
VBIAS threshold (3 V < VBIAS < 5.5 V)
Switch internal supply from VIN to VBIAS
2.85
3.2
Switch internal supply from VBIAS to VIN
2.7
3.15
Power consumption
ISHTDWN
Shutdown current from VIN
VSS / INH = GND
4
8
15
μA
I
Q OPVIN
Quiescent current from VIN
SWO
VFB = GND (NO SLEEP) VBIAS = 3.3 V
0.5
1.5
5
mA
NO SWO VFB = GND (NO SLEEP) VBIAS =
GND
2
2.8
6
IQ OPVBIAS Quiescent current from VBIAS
SWO VFB = GND (NO SLEEP) VBIAS = 3.3 V
0.5
1.2
5
mA
Soft-start
VINH
VSS threshold
SS rising
200
460
700
mV
VINH HYST VSS hysteresis
75
140
ISS CH
CSS charging current
VSS < VINH or t < TSS SETUP or VEA + > VFB(1)
1
μA
t > TSS SETUP and VEA + < VFB(1)
4
A6986I
Electrical characteristics
DS13481 - Rev 2
page 5/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com