Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986I Datasheet(PDF) 24 Page - STMicroelectronics

Part # A6986I
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I Datasheet(HTML) 24 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 20Page - STMicroelectronics A6986I Datasheet HTML 21Page - STMicroelectronics A6986I Datasheet HTML 22Page - STMicroelectronics A6986I Datasheet HTML 23Page - STMicroelectronics A6986I Datasheet HTML 24Page - STMicroelectronics A6986I Datasheet HTML 25Page - STMicroelectronics A6986I Datasheet HTML 26Page - STMicroelectronics A6986I Datasheet HTML 27Page - STMicroelectronics A6986I Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
6
Closing the loop
The iso-buck, compared to a standard buck, includes the transformer in place of the inductor and all the
components connected to the secondary winding (at least the Schottky diode and the secondary output
capacitor). Nevertheless, the regulation loop does not include the secondary side components. As a first
approximation the control loop of an iso-buck can be assimilated to the one of a standard buck. Therefore,
the block diagram in the figure below can still be used (where the inductor symbol identifies the inductance of the
primary winding) as well as all the equations and calculations in the following sections.
Figure 26. Block diagram of the loop
6.1
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can be written as:
GCO(s)= RLOAD∙gCS∙
1
1+RLOAD∙TSW
L ∙mC∙1‐D‐0.5∙
1+sωZ1+sωp∙FH(s
(7)
where RLOAD represents the load resistance, gCS the equivalent sensing transconductance of the current sense
circuitry, wp the single pole introduced by the power stage and wz the zero given by the ESR of the output
capacitor.
FH(s) accounts for the sampling effect performed by the PWM comparator on the output of the error amplifier that
introduces a double pole at one half of the switching frequency.
ωZ=   1ESR∙COUT
(8)
ωp=   1
RLOAD∙COUT∙mC∙1‐D‐0.5
L∙COUT∙fSW
(9)
where:
mC=1+SeSn
         Se=VPP∙gCS∙fSW
         Sn=VIN−VOUTL
(10)
A6986I
Closing the loop
DS13481 - Rev 2
page 24/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com