Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986I Datasheet(PDF) 30 Page - STMicroelectronics

Part # A6986I
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I Datasheet(HTML) 30 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 26Page - STMicroelectronics A6986I Datasheet HTML 27Page - STMicroelectronics A6986I Datasheet HTML 28Page - STMicroelectronics A6986I Datasheet HTML 29Page - STMicroelectronics A6986I Datasheet HTML 30Page - STMicroelectronics A6986I Datasheet HTML 31Page - STMicroelectronics A6986I Datasheet HTML 32Page - STMicroelectronics A6986I Datasheet HTML 33Page - STMicroelectronics A6986I Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Equation (26) emphasizes how the selection of the transformer and, to some extent, the Schottky diode plays a
crucial role in the accurate regulation of the secondary output voltage. The figure below shows instead the effect
of the current drawn from the primary output on the isolated voltage, as described by equation (9).
Figure 32. Isolated voltage variation due to the primary output current
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I
OUT_pri
[mA]
Another factor affecting the secondary output voltage regulation comes from the leakage inductance of the
transformer. As described later on, the leakage inductance determines the peak current that can be reached in
the secondary winding. This peak current defines the maximum current from the secondary isolated output by
limiting the amount of charge delivered to the output. When the current demand from the secondary isolated
output exceeds the maximum deliverable charge limited by the peak current, the isolated output voltage drops.
Figure 33. Secondary output maximum current
To some extent also the duty cycle can affect the secondary output voltage. Since the energy transfer from
primary to secondary occurs only during the TOFF, a too high duty cycle could reduce the achievable peak
current, hence limiting the deliverable current to the secondary output. Under this condition the secondary output
could drop.
7.2
Switching frequency
A resistor connected to the FSW pin features the selection of the switching frequency. The pinstrapping is
performed at power-up, before the soft-start takes place. The FSW pin is pinstrapped and then driven floating in
order to minimize the quiescent current from VIN. Please refer to Table 6 to identify the pull-up / pull-down resistor
value.
Setting fSW = 250 kHz or fSW = 500 kHz does not require any external resistor.
The selection of the switching frequency must take into account the minimum on-time of the device (TON MIN, as
indicated in the electrical characteristics table), as described by the following equation.
fSW_max≤  VOUT
TON MIN∙VIN∙η
(27)
The switching frequency affects the selection of the primary inductance as well as the transformer construction.
A6986I
Switching frequency
DS13481 - Rev 2
page 30/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com