Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986I Datasheet(PDF) 42 Page - STMicroelectronics

Part # A6986I
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I Datasheet(HTML) 42 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 38Page - STMicroelectronics A6986I Datasheet HTML 39Page - STMicroelectronics A6986I Datasheet HTML 40Page - STMicroelectronics A6986I Datasheet HTML 41Page - STMicroelectronics A6986I Datasheet HTML 42Page - STMicroelectronics A6986I Datasheet HTML 43Page - STMicroelectronics A6986I Datasheet HTML 44Page - STMicroelectronics A6986I Datasheet HTML 45Page - STMicroelectronics A6986I Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
The parasitic capacitance of a real transformer mainly consists of the following contributions:
•
Capacitance across each winding (CP and CS, in the image below) due to the capacitve coupling between
the coil and the core. As already mentioned, the winding capacitances are involved in the ringing observed
during transition from the off- to on-phase of the primary side
•
Interwinding capacitance (CWW), which is the capacitance between windings. The interwinding capacitance
should be reduced in order to limit disturbance on the primary side due to possible steep voltage transitions
present in the load connected to the secondary output.
Figure 48. Transformer parasitic capacitances
CP
CS
CWW
7.5.3
Schottky diode
The selection of the Schottky diode should consider the following parameters:
•
Maximum forward current, mainly defined by the secondary output current demand (see equation (43));
•
Forward voltage drop, which affects the secondary output voltage regulation
•
Maximum peak reverse voltage. During the on-phase of the primary side, when in the secondary side no
current flows, the diode is reverse biased and must withstand this voltage:
VD1_rev = N∙VINmax−VOUT_pri+VOUT_sec
(44)
•
Junction capacitance, which should be as low as possible in order to reduce the ringing described in the
previous section
7.5.4
Output capacitors selection
Primary output capacitor
As in a standard buck converter, the primary output capacitor is involved in:
•
Determining the output voltage ripple
•
Supporting load transient
•
The loop stability, by setting one pole and one zero in the transfer function
Considering the ouput voltage ripple requirement, the primary output capacitance should be selected according to
the following equation:
COUT_pri=
ΔIpri
8∙fSW∙ΔVOUT_pri−ESR∙ΔIpri
(45)
Normally, MLCC capacitors are the best choice for the output capacitor, therefore the ESR contribution is
negligible and equation (46) can be simplified.
Secondary output capacitor
The secondary output capacitor supplies the secondary output load current during the tON (when diode D1 is
reverse biased) and its value defines the secondary output voltage ripple (ΔVOUT).
COUT_sec= IOUT_sec∙D
ΔVOUT_sec∙fSW
(46)
A6986I
Design of the external components
DS13481 - Rev 2
page 42/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com