Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2IH Datasheet(PDF) 47 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 43Page - STMicroelectronics AIS2IH Datasheet HTML 44Page - STMicroelectronics AIS2IH Datasheet HTML 45Page - STMicroelectronics AIS2IH Datasheet HTML 46Page - STMicroelectronics AIS2IH Datasheet HTML 47Page - STMicroelectronics AIS2IH Datasheet HTML 48Page - STMicroelectronics AIS2IH Datasheet HTML 49Page - STMicroelectronics AIS2IH Datasheet HTML 50Page - STMicroelectronics AIS2IH Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
8.27
STATUS_DUP (37h)
Event detection status register (r)
Table 74. STATUS_DUP register
OVR
DRDY_T
SLEEP_
STATE_IA
DOUBLE_
TAP
SINGLE_
TAP
6D_IA
FF_IA
DRDY
Table 75. STATUS_DUP register description
OVR
FIFO overrun status flag.
(0: FIFO is not completely filled;
1: FIFO is completely filled and at least one sample has been overwritten)
DRDY_T
Temperature status.
(0: data not available; 1: a new set of data is available)
SLEEP_ STATE_IA
Sleep event status.
(0: Sleep event not detected; 1: Sleep event detected)
DOUBLE_ TAP
Double-tap event status:
(0: Double-tap event not detected; 1: Double-tap event detected)
SINGLE_ TAP
Single-tap event status:
(0: Single-tap event not detected; 1: Single-tap event detected)
6D_IA
Source of change in position portrait/landscape/face-up/face-down.
(0: no event detected; 1: a change in position is detected)
FF_IA
Free-fall event detection status.
(0: free-fall event not detected; 1: free-fall event detected)
DRDY
Data-ready status.
(0: not ready; 1: X-, Y- and Z-axis new data available)
AIS2IH
STATUS_DUP (37h)
DS12421 - Rev 4
page 47/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com