Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2IH Datasheet(PDF) 52 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 48Page - STMicroelectronics AIS2IH Datasheet HTML 49Page - STMicroelectronics AIS2IH Datasheet HTML 50Page - STMicroelectronics AIS2IH Datasheet HTML 51Page - STMicroelectronics AIS2IH Datasheet HTML 52Page - STMicroelectronics AIS2IH Datasheet HTML 53Page - STMicroelectronics AIS2IH Datasheet HTML 54Page - STMicroelectronics AIS2IH Datasheet HTML 55Page - STMicroelectronics AIS2IH Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
8.35
CTRL7 (3Fh)
Table 90. CTRL7 register
DRDY_
PULSED
INT2_ON_
INT1
INTERRUPTS
_ENABLE
USR_OFF
_ON_OUT
USR_OFF
_ON_WU
USR_
OFF _W
HP_REF
_MODE
LPASS_
ON6D
Table 91. CTRL7 register description
DRDY_PULSED
Switches between latched and pulsed mode for data ready interrupt.
(0: latched mode is used; 1: pulsed mode enabled for data-ready)
INT2_ON_INT1
Signal routing.
(1: all signals available only on INT2 are routed on INT1)
INTERRUPTS_ENABLE Enable interrupts.
USR_OFF_ON_OUT
Enable application of user offset value on XL output data registers.
FDS bit in CTRL6 (25h) must be set to '0'-logic (low-pass path selected).
USR_OFF_ON_WU
Enable application of user offset value on XL data for wakeup function only.
USR_OFF_W
Selects the weight of the user offset words specified by X_OFS_USR_[7:0], Y_OFS_USR_[7:0] and
Z_OFS_USR_[7:0] bits.
(0: 977 µg/LSB; 1: 15.6 mg/LSB)
HP_REF_MODE
High-pass filter reference mode enable.
(0: high-pass filter reference mode disabled (default);
1: high-pass filter reference mode enabled)
LPASS_ON6D
(0: ODR/2 low pass filtered data sent to 6D interrupt function (default);
1: LPF2 output data sent to 6D interrupt function)
AIS2IH
CTRL7 (3Fh)
DS12421 - Rev 4
page 52/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com