Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2IH Datasheet(PDF) 59 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 55Page - STMicroelectronics AIS2IH Datasheet HTML 56Page - STMicroelectronics AIS2IH Datasheet HTML 57Page - STMicroelectronics AIS2IH Datasheet HTML 58Page - STMicroelectronics AIS2IH Datasheet HTML 59Page - STMicroelectronics AIS2IH Datasheet HTML 60Page - STMicroelectronics AIS2IH Datasheet HTML 61Page - STMicroelectronics AIS2IH Datasheet HTML 62Page - STMicroelectronics AIS2IH Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
8.17
OUT_Z_H (2Dh) .............................................................. 42
8.18
FIFO_CTRL (2Eh)............................................................. 42
8.19
FIFO_SAMPLES (2Fh)......................................................... 43
8.20
TAP_THS_X (30h) ............................................................ 43
8.21
TAP_THS_Y (31h) ............................................................ 44
8.22
TAP_THS_Z (32h)............................................................. 44
8.23
INT_DUR (33h) ............................................................... 45
8.24
WAKE_UP_THS (34h) ......................................................... 45
8.25
WAKE_UP_DUR (35h) ......................................................... 46
8.26
FREE_FALL (36h)............................................................. 46
8.27
STATUS_DUP (37h) ........................................................... 47
8.28
WAKE_UP_SRC (38h) ......................................................... 48
8.29
TAP_SRC (39h)............................................................... 49
8.30
SIXD_SRC (3Ah).............................................................. 50
8.31
ALL_INT_SRC (3Bh) .......................................................... 50
8.32
X_OFS_USR (3Ch)............................................................ 51
8.33
Y_OFS_USR (3Dh)............................................................ 51
8.34
Z_OFS_USR (3Eh) ............................................................ 51
8.35
CTRL7 (3Fh) ................................................................. 52
9
Package information..............................................................53
9.1
Soldering information .......................................................... 53
9.2
LGA-12 package information .................................................... 53
9.3
LGA-12 packing information .................................................... 54
Revision history .......................................................................56
Contents ..............................................................................57
List of tables ..........................................................................60
List of figures..........................................................................62
AIS2IH
Contents
DS12421 - Rev 4
page 59/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com