Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS2IH Datasheet(PDF) 58 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 58 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 54Page - STMicroelectronics AIS2IH Datasheet HTML 55Page - STMicroelectronics AIS2IH Datasheet HTML 56Page - STMicroelectronics AIS2IH Datasheet HTML 57Page - STMicroelectronics AIS2IH Datasheet HTML 58Page - STMicroelectronics AIS2IH Datasheet HTML 59Page - STMicroelectronics AIS2IH Datasheet HTML 60Page - STMicroelectronics AIS2IH Datasheet HTML 61Page - STMicroelectronics AIS2IH Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
5.3
FIFO ........................................................................ 22
5.3.1
Bypass mode .......................................................... 22
5.3.2
FIFO mode ............................................................ 22
5.3.3
Continuous mode ....................................................... 23
5.3.4
Continuous-to-FIFO mode................................................. 23
5.3.5
Bypass-to-Continuous mode ............................................... 24
6
Digital interfaces .................................................................25
6.1
I²C serial interface ............................................................. 25
6.1.1
I²C operation ........................................................... 26
6.2
SPI bus interface .............................................................. 27
6.2.1
SPI read .............................................................. 28
6.2.2
SPI write .............................................................. 29
6.2.3
SPI read in 3-wire mode .................................................. 30
7
Register mapping.................................................................31
8
Register description ..............................................................33
8.1
OUT_T_L (0Dh)............................................................... 33
8.2
OUT_T_H (0Eh) .............................................................. 33
8.3
WHO_AM_I (0Fh) ............................................................. 33
8.4
CTRL1 (20h) ................................................................. 34
8.5
CTRL2 (21h) ................................................................. 35
8.6
CTRL3 (22h) ................................................................. 36
8.7
CTRL4_INT1_PAD_CTRL (23h) ................................................. 37
8.8
CTRL5_INT2_PAD_CTRL (24h) ................................................. 38
8.9
CTRL6 (25h) ................................................................. 39
8.10
OUT_T (26h) ................................................................. 39
8.11
STATUS (27h) ................................................................ 40
8.12
OUT_X_L (28h) ............................................................... 41
8.13
OUT_X_H (29h) .............................................................. 41
8.14
OUT_Y_L (2Ah)............................................................... 41
8.15
OUT_Y_H (2Bh) .............................................................. 41
8.16
OUT_Z_L (2Ch)............................................................... 42
AIS2IH
Contents
DS12421 - Rev 4
page 58/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com