Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8201 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8201 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 4 of 21 -
Since all PCB designs yield unique noise coupling behavior, not all ferrite beads or decoupling capacitors may be needed for every
design. For this reason, it is recommended that system designers provide and option to replace the ferrite beads with zero-ohm resistors,
once thorough evaluation of system performance is completed.
PCB Chassis ground Region
To isolate the board from the ESD events and to provide a common-mode noise ground path, a separate chassis ground region should
be allocated. This should provide an electrical connection to the external chassis and the shield ground to discharge common-mode
noise through a 75-ohm resistor and a single 1000pF 2kV capacitor. See “VSC8201 System Schematic” in the datasheet.
Figure 4: Ground Plane Layout
Key points
•
The chassis ground and the PCB ground should have as much separation as possible. 45 mils or greater is recommended.
•
There should be no power or ground plane beneath the primary and secondary coils of the transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com