Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8201 Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8201 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 21Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 19 of 21 -
Thermal Performance
Figure 12: Heat dissipating path for IC packages
The two paths of heat dissipation shown in the above figure are as follows:
1. IC chip
→ Package → Atmosphere
2. IC chip
→ Package → lead → PC board → Atmosphere
The amount of heat dissipated by path 2. depends on various factors like pad size, wired length, layer configuration, thickness, materials
etc. of the PC board but, typically, 10% to 50% of the heat is dissipated through the PC board.
Although low power consumption of the VSC8201 eliminates the need of external heatsinks or fans in most designs, it is always recom-
mended to follow certain guidelines for adequate heat dissipation.
For proper operation of the VSC8201, a silicon junction temperature
equal to or below 125oC must be maintained for commercial
temperature ranges. Within the constraints of the commercial temperature range, the limits for junction-to-ambient thermal resistance are
as follows:1
where
= Junction to ambient thermal resistance,
= Junction temperature,
Table 8: Recommended Magnetic Modules
Part Number
Manufacturer
Description
Return Loss
Compensation
LF9207A
Delta
Single-port, surface mount
H5008
Pulse
Single-port, surface mount
C1, C4 = 10pF, C2 = 6.8pF
S558-5999-P3
Bel
Single-port, surface mount
TG1G-S002NZ
Halo
Single-port, surface mount
GB2G04
Transpower
Single-port, surface mount
1. The actual
of the VSC8201’s 128 LQFP and the 100 ball LBGA package is approx. 30oC/w to 35oC/w. This yields a
Tj
θ
ja
PDmax
()
125 70
oC
–
() 35
o Cw
⁄
()
()
⁄
1.5w
for Tj 125
oC
≤
()
==
θ
ja commercial
()
Tj Ta
–
Pd
-----------------
125
oC 70oC
–
1w
-----------------------------------
55
o Cw
⁄
()
==
=
θ
ja
Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com