Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8201 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8201 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 1 of 21 -
SimpliPHY® VSC8201
PCB Design and Layout Guide
Single Port 10/100/1000BASE-T
and 1000BASE-X PHY
Introduction
This purpose of this application note in conjunction with the VSC8201 Datasheet is to provide information to assist in the design and lay-
out of the VSC8201 Gigabit Ethernet Transceiver.
Power Supply Organization and Decoupling
The VSC8201 requires a 3.3v and a 1.5v power supply source for operation using GMII, MII or TBI MAC interfaces. In RGMII and RTBI
modes, an additional 2.5v supply is needed as specified by the RGMI/RTBI standard. The VSC8201 can be powered using the following
options:
•
2 separate supplies, 3.3v and 1.5v respectively.
•
A single 3.3v supply. This is done by using the optional on-chip regulator control circuit, which drives a simple external series pass
type supply regulator (MOSFET) to generate the 1.5v core power supply.
PCB Power Plane Organization
It is recommended that the PCB power plane(s) in a system be divided into four separate regions:
Power Supply Filtering and Decoupling
For best performance, each power supply region should contain capacitors for both bulk decoupling and for local high-frequency decou-
pling. This is summarized in the following tables:
Table 1: Power Supply Plane Regions
PCB Power
Plane
Description
Nominal
Supply Voltage
Currenta
a. Test conditions: Room temperature (25oC), 1000BASE-T data, full duplex, minimum IPG, 64-byte packets, RGMII MAC active, excluding
regulator power dissipation but including external twisted pair termination; all worst case current figures have all nominal power supplies
scaled by +5%.
LQFP Supply Namesb
b. Refer VSC8201 Datasheet to correlate supply names with part pin numbers.
Typ
Max
V+IO
Digital Input/Output
buffer supply
3.3v/2.5v
8mA
11mA
VDDIO
V+A33
Filtered analog 3.3v
supply
3.3v
101mA
111mA
TXVDD, VDDREC33,
VDDPLL33
V+A15
Filtered analog 1.5v
supply
1.5v
41mA
48mA
VDDREC15, VDDPLL15
V+DIG
Digital core supply
1.5v
350mA
423mA
VDDDIG


Similar Part No. - VSC8201

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC8201 PULSE-VSC8201 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC8201

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8224 VITESSE-VSC8224 Datasheet
435Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
logo
Micrel Semiconductor
KSZ9021RL MICREL-KSZ9021RL Datasheet
67Kb / 2P
Single-port 10/100/1000Base-T Gigabit Transceiver
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
Octal Port 10/100/1000BASE-T PHY
logo
Level One
GVT-2000 LVL1-GVT-2000 Datasheet
646Kb / 4P
10/100/1000BASE-T to 1000BASE-X SFP Converter
logo
Vitesse Semiconductor C...
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
Dongguan Xinkang Electr...
QT24A12 TNK-QT24A12 Datasheet
60Kb / 1P
10/100/1000Base-T Single Port Transformer Module
logo
Microsemi Corporation
VSC8221 MICROSEMI-VSC8221 Datasheet
1Mb / 138P
Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
VSC8658 MICROSEMI-VSC8658 Datasheet
703Kb / 95P
Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
Revision 4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com