Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8201 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8201 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 8 of 21 -
Characteristic impedance of the stripline is calculated using the equation:
where
is the distance between the planes above and below the stripline. The above formula is used when the stripline is equidistant
from the above and below planes.
The propagation delay of the strip line is:
If the length of the line
such that:
Then the line must be considered a transmission line and proper termination techniques be employed.
Assuming a dielectric constant of 4.4 for FR-4, we get
=141ps for a microstrip line. If the rise time of the signal is 0.7ns then a trace
with length L greater the 0.827 inch should be considered a transmission line.
The 2 most common termination techniques are as follows:
•
Place a resistor equal to the characteristic impedance of the line in series with and close to the signal source. This is called series
termination or source termination.
•
Place a resistor equal to the characteristic impedance of the line between ground and the end of the signal trace. This is called end
termination.
The common value for the characteristic impedance of a transmission line is 50
.
Zo
60
ε
r
---------
4 b
⋅
0.67
π 0.8wt
+
()
---------------------------------------
Ω
ln
⋅
=
b
tpd
85
()
ε
r ps/in
⋅
=
L
Lin
()
Rise time ps
()
–
Propagation delay
ps
inch
-----------


–
----------------------------------------------------------------------- 1
6
---
×
<
tpd
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com