Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12H60M Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEF12H60M
Description  60 A electronic fuse for 12 V DC rail
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12H60M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEF12H60M Datasheet HTML 5Page - STMicroelectronics STEF12H60M Datasheet HTML 6Page - STMicroelectronics STEF12H60M Datasheet HTML 7Page - STMicroelectronics STEF12H60M Datasheet HTML 8Page - STMicroelectronics STEF12H60M Datasheet HTML 9Page - STMicroelectronics STEF12H60M Datasheet HTML 10Page - STMicroelectronics STEF12H60M Datasheet HTML 11Page - STMicroelectronics STEF12H60M Datasheet HTML 12Page - STMicroelectronics STEF12H60M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Table 4. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage
8
12
15
V
IOUT
Continuous output current
60
A
IDD
LDO continuous output current
VINF = 5.5 V
50
mA
RCS
Current set resistor
1.8
4
kΩ
VCLREF
Control voltage range
0.2
1.4
V
COUT
Output capacitance (1)
47
µF
tss
Soft-start duration
10
50
100
ms
CDD
VDD capacitor value (2)
1
2.2
10
µF
1. The maximum allowed output capacitance to obtain a successful startup, without triggering internal fault protections,
depends on the device soft-start time, RCS resistor and output load during power-up.
2. VDD capacitor is mandatory to ensure the internal regulator stability and the device functionality.
Note:
Functional operation beyond the recommended operating conditions is not implied.
STEF12H60M
Maximum ratings
DS13608 - Rev 3
page 9/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com