Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12H60M Datasheet(PDF) 33 Page - STMicroelectronics

Part # STEF12H60M
Description  60 A electronic fuse for 12 V DC rail
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12H60M Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STEF12H60M Datasheet HTML 26Page - STMicroelectronics STEF12H60M Datasheet HTML 27Page - STMicroelectronics STEF12H60M Datasheet HTML 28Page - STMicroelectronics STEF12H60M Datasheet HTML 29Page - STMicroelectronics STEF12H60M Datasheet HTML 30Page - STMicroelectronics STEF12H60M Datasheet HTML 31Page - STMicroelectronics STEF12H60M Datasheet HTML 32Page - STMicroelectronics STEF12H60M Datasheet HTML 33Page - STMicroelectronics STEF12H60M Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application diagram (external controller used for CLREF pin)................................ 5
Figure 4.
Typical application diagram (current limit fixed via RCL) ........................................ 6
Figure 5.
Typical application diagram (multiple e-fuses in parallel)........................................ 7
Figure 6.
Current monitor simplified circuit ....................................................... 16
Figure 7.
Additional connections for multiple STEF12H60MAPUR (autoretry version) ......................... 19
Figure 8.
Quiescent current vs. temperature...................................................... 20
Figure 9.
Shutdown current vs. temperature...................................................... 20
Figure 10.
IMON gain accuracy vs. load current and temperature ........................................ 20
Figure 11.
IMON current vs. load current ......................................................... 20
Figure 12.
CS current vs. temperature .......................................................... 21
Figure 13.
VCLREF threshold vs. temperature ...................................................... 21
Figure 14.
CLREF pin bias current vs. temperature.................................................. 21
Figure 15.
VDD voltage vs. temperature.......................................................... 21
Figure 16.
VTEMP voltage vs. temperature ........................................................ 21
Figure 17.
UVLO thresholds vs. temperature ...................................................... 21
Figure 18.
ON/PD thresholds vs. temperature ..................................................... 22
Figure 19.
ON/PD pin current vs. temperature ..................................................... 22
Figure 20.
SS pin bias current vs. temperature..................................................... 22
Figure 21.
Turn-on initial delay vs. temperature .................................................... 22
Figure 22.
On-resistance vs. temperature ........................................................ 22
Figure 23.
Off-state leakage current vs. temperature................................................. 22
Figure 24.
Startup by VIN (no load) ............................................................. 23
Figure 25.
Shutdown by VIN (no load) ........................................................... 23
Figure 26.
Startup by VIN (COUT = 6200 µF, no load)................................................. 23
Figure 27.
Startup by VIN (COUT = 6200 µF, 15 A, res. load)............................................ 23
Figure 28.
Startup by ON/PD (no load) .......................................................... 23
Figure 29.
Shutdown by ON/PD (no load) ........................................................ 23
Figure 30.
Startup by ON/PD (IOUT = 15 A, COUT = 6800 µF) ........................................... 24
Figure 31.
Shutdown by ON/PD (IOUT = 15 A, COUT = 6800 µF) ......................................... 24
Figure 32.
Startup into output short-circuit ........................................................ 24
Figure 33.
Output short-circuit during operation .................................................... 24
Figure 34.
QFN 32 (5 x 5) package outline ....................................................... 25
Figure 35.
QFN 32 (5 x 5) recommended footprint .................................................. 26
Figure 36.
QFN 32 (5 x 5) carrier tape........................................................... 27
Figure 37.
Pin 1 orientation in tape ............................................................. 27
Figure 38.
QFN 32 (5 x 5) reel outline ........................................................... 28
STEF12H60M
List of figures
DS13608 - Rev 3
page 33/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com