Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12H60M Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF12H60M
Description  60 A electronic fuse for 12 V DC rail
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12H60M Datasheet(HTML) 4 Page - STMicroelectronics

  STEF12H60M Datasheet HTML 1Page - STMicroelectronics STEF12H60M Datasheet HTML 2Page - STMicroelectronics STEF12H60M Datasheet HTML 3Page - STMicroelectronics STEF12H60M Datasheet HTML 4Page - STMicroelectronics STEF12H60M Datasheet HTML 5Page - STMicroelectronics STEF12H60M Datasheet HTML 6Page - STMicroelectronics STEF12H60M Datasheet HTML 7Page - STMicroelectronics STEF12H60M Datasheet HTML 8Page - STMicroelectronics STEF12H60M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Pin #
Symbol
Function
19
SS
Soft-start pin. A capacitor connected between this pin and GND determines the
soft-start time. If it is left floating the start-up time is about 300 µs
20
GND
Analog device ground
21
VDD
Internal LDO output and compensation pin. It provides a regulated 5 V auxiliary
output. This pin must be bypassed to GND via a 1 µF capacitor to ensure the correct
functionality of the device
22
IMON
Current monitor pin. A resistor (RMON) connected between this pin and GND
generates a voltage proportional to the output current. It is suggested to connect
a capacitor (CMON) in parallel to RMON to filter the monitor signal
23
CS
Current feedback. A resistor (RCS) connected between this pin and GND provides
a feedback voltage for the current limit circuit and the overcurrent indicator (D_OC).
Do not connect any capacitance to this pin
24
CLREF
Current limit set-point pin. Connect a resistor to GND or force an external control
voltage to define the current limit set-point
EXP. PAD
VIN
Input voltage, internally connected to the power FET drain
STEF12H60M
Pin configuration
DS13608 - Rev 3
page 4/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com