Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6821 Datasheet(PDF) 51 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 51 of 61
Address: 0x120E, Reset: 0x04, Name: SYNTH_0
Referenc e Div ide by 2
1: Referenc e Div ide by 2 Enabled.
0: Referenc e Div ide by 2 Dis abled.
Referenc e Doubler Enable - Optionally
Double-Buffered
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[ 7 :4 ] RES ERV ED
[ 0 ] RD IV 2 _S EL ( R/W )
[ 3 ] D O UBLER_EN ( R/W )
[ 2 :1 ] RES ERV ED
Table 60. Bit Descriptions for SYNTH_0
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R
3
DOUBLER_EN
Reference Doubler Enable—Optionally Double Buffered
0x0
R/W
[2:1]
RESERVED
Reserved
0x2
R/W
0
RDIV2_SEL
Reference Divide by 2
0x0
R/W
0
Reference Divide by 2 Disabled
1
Reference Divide by 2 Enabled
Address: 0x1214, Reset: 0x48, Name: MULTI_FUNC_SYNTH_CTRL_0214
Lock Detect Bias
11: 10uA.
10: 20uA.
01: 30uA.
00: 40uA.
Lock Detect Precision
011: Check 8192 Consecutive PFD Cycles.
010: Check 4096 Consecutive PFD Cycles.
001: Check 2048 Consecutive PFD Cycles.
000:
for Lock.
Check 1024 Consecutive PFD Cycles
0
0
1
0
2
0
3
1
4
0
5
0
6
1
7
0
[7:6] LD_BIAS (R/W)
[2:0] RESERVED
[5:3] LDP (R/W)
Table 61. Bit Descriptions for MULTI_FUNC_SYNTH_CTRL_0214
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LD_BIAS
Lock Detect Bias
0x1
R/W
00
40 µA.
01
30 µA.
10
20 µA.
11
10 µA.
[5:3]
LDP
Lock Detect Precision
0x1
R/W
000
Check 1024 Consecutive PFD Cycles for Lock.
001
Check 2048 Consecutive PFD Cycles.
010
Check 4096 Consecutive PFD Cycles.
011
Check 8192 Consecutive PFD Cycles.
[2:0]
RESERVED
Reserved.
0x0
R/W
Address: 0x1215, Reset: 0x00, Name: SI_BAND_0
Manually Pr o g r am m e d VCO Band
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] S I_BAN D _S EL ( R/W )
Table 62. Bit Descriptions for SI_BAND_0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SI_BAND_SEL
Manually Programmed VCO Band.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com