Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6821 Datasheet(PDF) 56 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices ADRF6821 Datasheet HTML 57Page - Analog Devices ADRF6821 Datasheet HTML 58Page - Analog Devices ADRF6821 Datasheet HTML 59Page - Analog Devices ADRF6821 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 56 of 61
Address: 0x1401, Reset: 0x00, Name: MULTI_FUNC_CTRL
SPI Supply Control
1: 3.3V Read Back.
0: 1.8V Read Back.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[3:0] RESERVED
[4] SPI_1P8_3P3_CTRL (R/W)
Table 78. Bit Descriptions for MULTI_FUNC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
4
SPI_1P8_3P3_CTRL
SPI Supply Control
0x0
R/W
0
1.8 V Read Back
1
3.3 V Read Back
[3:0]
RESERVED
Reserved
0x0
R
Address: 0x140E, Reset: 0xB3, Name: LO_CNTRL2
Enable the Res is tor Bias
Reference Buffer Enable
0
1
1
1
2
0
3
0
4
1
5
1
6
0
7
1
[7] EN_BIAS_R (R/W)
[4:0] RESERVED
[6] RESERVED
[5] REFBUF_EN (R/W)
Table 79. Bit Descriptions for LO_CNTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
EN_BIAS_R
Enable the Resistor Bias. Selects the resistor bias instead of the band gap based bias
for the LO path.
0x1
R/W
6
RESERVED
Reserved.
0x0
R/W
5
REFBUF_EN
Reference Buffer Enable.
0x1
R/W
[4:0]
RESERVED
Reserved.
0x13
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com