Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 2Page - Analog Devices ADRV9002BBCZ Datasheet HTML 3Page - Analog Devices ADRV9002BBCZ Datasheet HTML 4Page - Analog Devices ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 92
Table 1. Transmitters (Tx1 and Tx2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CARRIER LEAKAGE WITH
INITIALIZATION CALIBRATION ONLY
LO leakage tracking calibration disabled, 0 dB transmitter attenuation,
scales dB for dB with attenuation, input tone backoff = 6 dBFS
Wideband
50 MHz
−68
dBm
470 MHz
−65
dBm
900 MHz
−67
dBm
2400 MHz
−68
dBm
3500 MHz
−62
dBm
5800 MHz
−56
dBm
Narrow-Band
30 MHz
−70
dBm
470 MHz
−72
dBm
900 MHz
−74
dBm
2400 MHz
−71
dBm
3500 MHz
−71
dBm
5800 MHz
−58
dBm
1 dBFS represents the ratio of the actual output signal to the maximum possible output level for a continuous wave output signal at the given RF attenuation setting.
2 A continuous wave is a single frequency signal.
3 Quadrature error correction (QEC) is the system for minimizing quadrature images of a desired signal.
RECEIVER SPECIFICATIONS
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CENTER FREQUENCY
30
6000
MHz
MAXIMUM GAIN
Wideband
High performance receiver ADCs, 0 dB attenuation, 5.6 MHz baseband
frequency
50 MHz
21
dB
470 MHz
22
dB
900 MHz
22
dB
2400 MHz
22
dB
3500 MHz
21
dB
5800 MHz
21
dB
Narrow-Band
High performance receiver ADCs, 0 dB attenuation, 2.1 kHz baseband
frequency
30 MHz
21
dB
470 MHz
22
dB
900 MHz
22
dB
2400 MHz
22
dB
3500 MHz
21
dB
5800 MHz
21
dB
ATTENUATION RANGE FROM MAXIMUM
GAIN
34
dB
Attenuation Accuracy
Gain Step
0.5
dB
Attenuator steps from 0 dB to 30 dB
1.0
dB
Attenuator steps from 30 dB to 34 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com