Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 81Page - Analog Devices ADRV9002BBCZ Datasheet HTML 82Page - Analog Devices ADRV9002BBCZ Datasheet HTML 83Page - Analog Devices ADRV9002BBCZ Datasheet HTML 84Page - Analog Devices ADRV9002BBCZ Datasheet HTML 85Page - Analog Devices ADRV9002BBCZ Datasheet HTML 86Page - Analog Devices ADRV9002BBCZ Datasheet HTML 87Page - Analog Devices ADRV9002BBCZ Datasheet HTML 88Page - Analog Devices ADRV9002BBCZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Data Sheet
ADRV9002
THEORY OF OPERATION
analog.com
Rev. 0 | 85 of 92
RECEIVER
Figure 299 shows a simplified block diagram of the ADRV9002
receiver. It is a fully integrated, direct conversion, low IF receiver
signal chain. The receiver subsystem consists of a resistive input
network for gain control followed by a current mode passive mixer.
The output current of the mixer is converted to a voltage by a
transimpedance amplifier and then digitized. There are two sets of
ADCs, a high performance Σ-Δ ADC and a low power ADC. The
digital baseband that provides the required filtering and decimation
follows these ADCs.
There are two RF inputs for each receiver to match different
bands in one reference design. The mixer architecture is linear and
inherently wideband, which facilitates impedance matching. The
differential input impedance of the receiver inputs is 100 Ω.
To achieve gain control, a programmed gain index map is imple-
mented. This gain map distributes attenuation among the various
receiver blocks for optimal performance at each power level. The
gain range is 34 dB. Additional support is available for both auto-
matic and manual gain control modes.
The receive LPFs can be reconfigured to help provide antialias
filtering and improve out of band blockers. The ADRV9002 is a
wideband architecture transceiver that relies on the ADC high
dynamic range to receive signals and interference at the same
time. Filtering provided by the receive LPF attenuates ADC alias
images. The receive LPF characteristic is flat and not intended to
provide rejection of close in blockers. The baseband filter supports
a baseband bandwidth from 5 MHz to 50 MHz.
The receiver includes two ADC pairs. One pair consists of high per-
formance Σ-Δ ADCs to provide maximum interferer tolerance, and
the second pair consists of ADCs for significant power reduction.
The extra pair of ADCs allow a smart trade-off between power and
performance.
The ADC output can be conditioned further by a series of deci-
mation filters and a fully programmable, 128-tap FIR filter with
additional decimation settings. The sample rate of each digital filter
block automatically adjusts with each change of the decimation
factors to produce the desired output data rate.
For standards that demand low phase noise performance, the
ADRV9002 can operate in low IF mode. The ADRV9002 can re-
ceive signals offset from the carrier, as with an IF downconversion
scheme. A digital NCO and mixer that follow the analog receive
path can downconvert the IF signal to baseband. Downconverting
the signal to baseband allows a lower sample rate on the data bus.
The ADRV9002 makes no assumptions about high-side or low-side
injection.
Monitor Mode
The ADRV9002 receiver signal chain can be configured to monitor
the radio channel signal level in duty cycle detection and sleep
fashion. Monitor mode allows the digital baseband processor to
power down until the ADRV9002 detects a signal. Monitor mode
provides overall system power saving. The timing of detection and
sleep mode is fully programmable. Alternatively, the ADRV9002
can be under full control of the baseband processor during monitor
mode.
Figure 299. Receiver Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com