Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 87 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 87 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 83Page - Analog Devices ADRV9002BBCZ Datasheet HTML 84Page - Analog Devices ADRV9002BBCZ Datasheet HTML 85Page - Analog Devices ADRV9002BBCZ Datasheet HTML 86Page - Analog Devices ADRV9002BBCZ Datasheet HTML 87Page - Analog Devices ADRV9002BBCZ Datasheet HTML 88Page - Analog Devices ADRV9002BBCZ Datasheet HTML 89Page - Analog Devices ADRV9002BBCZ Datasheet HTML 90Page - Analog Devices ADRV9002BBCZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Data Sheet
ADRV9002
THEORY OF OPERATION
analog.com
Rev. 0 | 87 of 92
Figure 300. RF LO
The ADRV9002 supports various forms of fast frequency hopping
(FFH) with the frequency dwell time and transition time as the main
distinguishing factors between these forms. The RF PLL phase
noise and the QEC and LOL algorithm performance degrade as
a function of decreasing frequency transition times. FFH mode sup-
ports hop frequencies that are preloaded at power-up or streamed
by the user onto the ADRV9002. Hopping between the frequencies
in FFH mode can be triggered by toggling a GPIO pin or executing
an API command.
Baseband PLL
The ADRV9002 contains a baseband PLL synthesizer that gen-
erates all baseband and data port related clocks. Two options
are provided for a high performance baseband PLL and a low
power baseband PLL. A high performance baseband PLL offers
greater flexibility in generating clocks to support a wider range
of sample rates. A low power baseband PLL has a limitation in
supporting certain sample rates but consumes less power. Both
high performance and low power baseband PLLs are automatically
programmed based on the data rate and sample rate requirements
of the system.
SPI
The ADRV9002 uses an SPI to communicate with the baseband
processor. This interface can be configured either as a 4-wire
interface with dedicated receive and transmit ports, or as a 3-wire
interface with a bidirectional data communications port. This bus
allows the baseband processor to set all device control parameters
using a simple address data serial bus protocol.
Write commands follow a 24-bit format. The first bit sets the bus
direction of the bus transfer. The next 15 bits set the address where
the data is written. The final eight bits contain the data transferred
to the specific register address. Read commands follow a similar
format with the exception that the first 16 bits are transferred on the
SPI_DIO pin and the final eight bits are read from the ADRV9002
either on the SPI_DO pin in 4-wire mode or on the SPI_DIO pin in
3-wire mode.
GPIO PINS
Digital General-Purpose Inputs/Outputs
(DGPIOs)
The ADRV9002 GPIO signals referenced to the VDIGIO_1P8
supply are intended to interface with digital circuitry and can be
configured for numerous functions. Some of these pins, when
configured as outputs, are used by the baseband processor as
real-time signals to provide a number of internal settings and
measurements. This configuration allows the baseband processor
to monitor receiver performance in different situations. Signals used
for manual gain mode, calibration flags, state machine states, and
various receiver parameters are among the outputs that can be
monitored on these pins. In addition, certain pins can be configured
as inputs and used in various functions, such as setting the receiver
gain or transmitter attenuation in real time.
Analog General-Purpose Inputs/Outputs
(AGPIOs)
The AGPIO pins are intended to interface with system blocks
that perform analog functions. The AGPIO pins referenced to
the VAGPIO_1P8 supply provide control signals to the external
components, such as the low noise amplifier (LNA) or digital step
attenuator (DSA). The selected AGPIO pins provide an alternate
auxiliary DAC functionality. See Table 18 for more details on pin
mapping.
AUXILIARY CONVERTERS
Auxiliary ADC Inputs (AUXADC_x)
The ADRV9002 contains four auxiliary ADCs with the correspond-
ing inputs connected to four dedicated input pins (AUXADC_x).
This block can monitor system voltages without additional compo-
nents. The auxiliary ADC is 10 bits with an input voltage range of
0.05 V to 0.95 V. When enabled, the auxiliary ADC is free running.
An API function allows the user to read back the last value latched
by the ADC.
Auxiliary DACs Outputs (AUXDAC_x)
The ADRV9002 contains four identical auxiliary DACs (AUXDAC_x)
that can supply bias voltages, analog control voltages, or other sys-
tem functionality. The auxiliary DACs (AUXDAC_0 to AUXDAC_3)
are multiplexed with the AGPIO_xx pins, as shown in Table 18. The
auxiliary DACs are 12 bits and have an output voltage range of
approximately 0.05 V to VDDA_1P8 − 0.05 V and have a current
drive of 10 mA. The auxiliary DACs generate ramp up and ramp
down patterns that can be loaded into the ADRV9002 and then
triggered based on state of dedicated DGPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com