Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL518APG Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 2Page - ON Semiconductor FSL518APG Datasheet HTML 3Page - ON Semiconductor FSL518APG Datasheet HTML 4Page - ON Semiconductor FSL518APG Datasheet HTML 5Page - ON Semiconductor FSL518APG Datasheet HTML 6Page - ON Semiconductor FSL518APG Datasheet HTML 7Page - ON Semiconductor FSL518APG Datasheet HTML 8Page - ON Semiconductor FSL518APG Datasheet HTML 9Page - ON Semiconductor FSL518APG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued)
TJ = −40 to +125°C and VCC = 14 V unless otherwise specified.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Control Section
Maximum Duty Ratio
VCOMP = 3.6 V
DMAX
68
75
82
%
COMP Output High Voltage
COMP−pin Open
VCOMP-
OPEN
5
V
COMP Sourcing Current
ICOMP
70
100
135
mA
Transconductance of Internal Error
Amplifier
GM
300
mS
Current-sourcing capability of Internal
Error Amplifier
VFB = VREF − 1 V
IGM-SOURCE
55
90
125
mA
Current-sinking capability of Internal
Error Amplifier
VFB = VREF + 1 V
IGM-SINK
−55
−90
−125
mA
Reference Voltage to Regulate FB-pin
Voltage
VREF
2.45
2.5
2.55
V
Leading-edge Blanking Time of Internal
SENSEFET Current Signal (Note 9)
tLEB
250
ns
Propagation Delay of Turning-off Power
MOSFET (Note 9)
tPD
100
ns
LINE Section
Threshold Voltage for Line Detection
Enable
VLINE > VLINE-DET
VLINE-DET
0.15
V
Threshold Voltage for Line Detection
Disable
VLINE < VLINE-ADJ
VLINE-ADJ
0.05
V
Burst-mode Level Setting Time when Line
Detection is Enabled (Note 9)
tSET
100
ms
Sourcing Current for Detecting Burst
Setting Zener Voltage in tSET
During tSET, VCC = 15 V, VLINE = 10 V
ISET
1.6
2.7
3.8
mA
Burst-mode Level 0 Set up Voltage
During tSET
VLINE-SET0
12.4
V
Burst-mode Level 1 Set up Voltage
During tSET
VLINE-SET1
9.3
10.6
V
Burst-mode Level 2 Set up Voltage
During tSET
VLINE-SET2
7.9
V
Sourcing Current for Setting Burst-mode
Level when Line Detection is Disabled
VLINE = 0 V before VCC is charged to
VCC-START
IBURST
9.4
10
10.6
mA
LINE-pin Voltage to Burst-mode Level
Attenuation when Line Detection is
Disabled (Note 9)
AV-BURST
1/3
V/V
Protections: Over-Voltage Protection (OVP)
Over-Voltage Protection Threshold Voltage
for VCC−pin
VCC-OVP
23.0
24.5
26.0
V
Delay time for OVP (Note 9)
tD-OVP
6.0
ms
Protections: Over-Load Protection (OLP)
OLP-Triggering Threshold Voltage on
COMP−pin
VOLP
3.3
3.6
3.9
V
Delay Time for OLP
VCOMP > VOLP after Soft-start Time
tD-OLP
30
60
90
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com