Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTP Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320F28374DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374DPTP Datasheet(HTML) 4 Page - Texas Instruments

  TMS320F28374DPTP Datasheet HTML 1Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 2Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 3Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 4Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 5Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 6Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 7Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 8Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 226 page
background image
4 Functional Block Diagram
Figure 4-1 shows the CPU system and associated peripherals.
16-/12-bit ADC
x4
Analog
MUX
ADC
Result
Regs
Peripheral Frame 1
Global Shared
16x 4Kx16
GS0-GS15 RAMs
CPU1 to CPU2
1Kx16 MSG RAM
GPIO MUX, Input X-BAR, Output X-BAR
CPU1.M0 RAM 1Kx16
CPU1.M1 RAM 1Kx16
CPU2.M0 RAM 1Kx16
CPU2.M1 RAM 1Kx16
PSWD
PSWD
Secure Memories
shown in Red
MEMCPU2
CPU2 to CPU1
1Kx16 MSG RAM
MEMCPU1
CPU1 Buses
CPU2 Buses
A5:0
B5:0
C5:2
ADCIN14
ADCIN15
D5:0
Comparator
Subsystem
(CMPSS)
DAC
x3
Config
C28 CPU-1
FPU
VCU-II
TMU
CPU Timer 0
CPU Timer 1
CPU Timer 2
ePIE
(up to 192
interrupts)
WD Timer
NMI-WDT
C28 CPU-2
FPU
VCU-II
TMU
CPU Timer 0
CPU Timer 1
CPU Timer 2
ePIE
(up to 192
interrupts)
WD Timer
NMI-WDT
CPU1.CLA1 Data ROM
(4Kx16)
CPU1.CLA1 to CPU1
128x16 MSG RAM
CPU1 to CPU1.CLA1
128x16 MSG RAM
CPU1.D0 RAM 2Kx16
CPU1.D1 RAM 2Kx16
Boot-ROM 32Kx16
Nonsecure
Secure-ROM 32Kx16
Secure
CPU1 Local Shared
6x 2Kx16
LS0-LS5 RAMs
CPU2 to CPU2.CLA1
128x16 MSG RAM
CPU2.CLA1 to CPU2
128x16 MSG RAM
CPU2.D0 RAM 2Kx16
CPU2.D1 RAM 2Kx16
CPU2.CLA1 Data ROM
(4Kx16)
Boot-ROM 32Kx16
Nonsecure
Secure-ROM 32Kx16
Secure
CPU2 Local Shared
LS0-LS5 RAMs
CPU1.CLA1
CPU1.DMA
CPU2.DMA
CPU2.CLA1
Data Bus
Bridge
ePWM-1/../12
eCAP-
1/../6
eQEP-1/2/3
SDFM-1/2
A
B
C
D
JTAG
AUXCLKIN
External Crystal or
Oscillator
Watchdog 1/2
Main PLL
Aux PLL
INTOSC1
INTOSC2
Low-Power
Mode Control
GPIO MUX
TRST
TCK
TDI
TMS
TDO
6x 2Kx16
Dual
Code
Security
Module
+
Emulation
Code
Security
Logic
(ECSL)
Dual
Code
Security
Module
+
Emulation
Code
Security
Logic
(ECSL)
Interprocessor
Communication
(IPC)
Module
PUMP
OTP/Flash
Wrapper
FLASH
256K x 16
Secure
User
Configurable
DCSM
OTP
1K x 16
OTP/Flash
Wrapper
FLASH
256K x 16
Secure
User
Configurable
DCSM
OTP
1K x 16
SCI-
A/B/C/D
(16L FIFO)
I2C-A/B
(16L FIFO)
Data Bus Bridge
CAN-
A/B
(32-MBOX)
Data Bus
Bridge
GPIO
Data Bus
Bridge
Data Bus
Bridge
USB
Ctrl /
PHY
USB
Ctrl /
PHY
EMIF1
Data Bus
Bridge
EMIF2
Data Bus
Bridge
Peripheral Frame 2
SPI-
A/B/C
(16L FIFO)
McBSP-
A/B
uPP
RAM
HRPWM-1/../8
(CPU1 only)
Figure 4-1. Functional Block Diagram
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com