Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTP Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320F28374DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374DPTP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320F28374DPTP Datasheet HTML 15Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 16Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 17Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 18Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 19Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 20Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 21Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 22Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
ADCIND2
T6
58
–
I
ADC-D input 2
CMPIN8P
I
Comparator 8 positive input
ADCIND3
U6
59
–
I
ADC-D input 3
CMPIN8N
I
Comparator 8 negative input
ADCIND4
T7
60
–
I
ADC-D input 4
ADCIND5
U7
–
–
I
ADC-D input 5
GPIO AND PERIPHERAL SIGNALS
GPIO0
0, 4, 8, 12
C8
160
–
I/O
General-purpose input/output 0
EPWM1A
1
O
Enhanced PWM1 output A (HRPWM-capable)
SDAA
6
I/OD
I2C-A data open-drain bidirectional port
GPIO1
0, 4, 8, 12
D8
161
–
I/O
General-purpose input/output 1
EPWM1B
1
O
Enhanced PWM1 output B (HRPWM-capable)
MFSRB
3
I/O
McBSP-B receive frame synch
SCLA
6
I/OD
I2C-A clock open-drain bidirectional port
GPIO2
0, 4, 8, 12
A7
162
91
I/O
General-purpose input/output 2
EPWM2A
1
O
Enhanced PWM2 output A (HRPWM-capable)
OUTPUTXBAR1
5
O
Output 1 of the output XBAR
SDAB
6
I/OD
I2C-B data open-drain bidirectional port
GPIO3
0, 4, 8, 12
B7
163
92
I/O
General-purpose input/output 3
EPWM2B
1
O
Enhanced PWM2 output B (HRPWM-capable)
OUTPUTXBAR2
2
O
Output 2 of the output XBAR
MCLKRB
3
I/O
McBSP-B receive clock
OUTPUTXBAR2
5
O
Output 2 of the output XBAR
SCLB
6
I/OD
I2C-B clock open-drain bidirectional port
GPIO4
0, 4, 8, 12
C7
164
93
I/O
General-purpose input/output 4
EPWM3A
1
O
Enhanced PWM3 output A (HRPWM-capable)
OUTPUTXBAR3
5
O
Output 3 of the output XBAR
CANTXA
6
O
CAN-A transmit
GPIO5
0, 4, 8, 12
D7
165
–
I/O
General-purpose input/output 5
EPWM3B
1
O
Enhanced PWM3 output B (HRPWM-capable)
MFSRA
2
I/O
McBSP-A receive frame synch
OUTPUTXBAR3
3
O
Output 3 of the output XBAR
CANRXA
6
I
CAN-A receive
GPIO6
0, 4, 8, 12
A6
166
–
I/O
General-purpose input/output 6
EPWM4A
1
O
Enhanced PWM4 output A (HRPWM-capable)
OUTPUTXBAR4
2
O
Output 4 of the output XBAR
EXTSYNCOUT
3
O
External ePWM synch pulse output
EQEP3A
5
I
Enhanced QEP3 input A
CANTXB
6
O
CAN-B transmit
GPIO7
0, 4, 8, 12
B6
167
–
I/O
General-purpose input/output 7
EPWM4B
1
O
Enhanced PWM4 output B (HRPWM-capable)
MCLKRA
2
I/O
McBSP-A receive clock
OUTPUTXBAR5
3
O
Output 5 of the output XBAR
EQEP3B
5
I
Enhanced QEP3 input B
CANRXB
6
I
CAN-B receive
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com