Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTP Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320F28374DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374DPTP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28374DPTP Datasheet HTML 4Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 5Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 6Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 7Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 8Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 9Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 10Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 11Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 226 page
background image
Table 6-1. Device Comparison (continued)
FEATURE(1)
28379D
28379D-Q1
28378D
28377D
28377D-Q1
28376D
28375D
28374D
Package Type
(ZWT is an nFBGA package.
PTP is an HLQFP package.
PZP is an HTQFP package.)
337-Ball
ZWT
176-Pin
PTP
176-Pin
PTP
337-Ball
ZWT
176-Pin
PTP
337-Ball
ZWT
176-Pin
PTP
337-Ball
ZWT
176-Pin
PTP
100-Pin
PZP
337-Ball
ZWT
176-Pin
PTP
Enhanced Pulse Width Modulator (ePWM)
channels – Type 4
24
24
15
24
eQEP modules – Type 0
3
3
2
3
High-resolution ePWM channels – Type 4
16
16
9
16
SDFM channels – Type 0
8
8
6
8
Communication Peripherals (3)
Controller Area Network (CAN) – Type 0(4)
2
Inter-Integrated Circuit (I2C) – Type 0
2
Multichannel Buffered Serial Port (McBSP) –
Type 1
2
SCI - Type 0
4
4
3
4
Serial Peripheral Interface (SPI) – Type 2
3
USB – Type 0
1
uPP – Type 0
1
Temperature and Qualification
Junction
Temperature (TJ)
T: –40°C to 105°C
Yes
No
Yes
Yes
No
Yes
S: –40°C to 125°C
Yes
Q: –40°C to 150°C(5)
Yes
Yes
No
Yes
No
Free-Air
Temperature (TA)
Q: –40°C to 125°C(5)
Yes
Yes
No
Yes
No
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time
Control Peripherals Reference Guide.
(2)
Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
(3)
For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 7 to identify which peripheral instances are accessible on pins in the
smaller package.
(4)
The CAN module uses the IP known as D_CAN. This document uses the names CAN and D_CAN interchangeably to reference this
peripheral.
(5)
The letter Q refers to AEC Q100 qualification for automotive applications.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com