Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTP Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320F28374DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374DPTP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320F28374DPTP Datasheet HTML 19Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 20Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 21Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 22Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 23Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 24Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 25Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 26Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO26
0, 4, 8, 12
K1
27
–
I/O
General-purpose input/output 26
OUTPUTXBAR3
1
O
Output 3 of the output XBAR
EQEP2I
2
I/O
Enhanced QEP2 index
MCLKXB
3
I/O
McBSP-B transmit clock
OUTPUTXBAR3
5
O
Output 3 of the output XBAR
SPICLKB
6
I/O
SPI-B clock
SD2_D2
7
I
Sigma-Delta 2 channel 2 data input
GPIO27
0, 4, 8, 12
L1
28
–
I/O
General-purpose input/output 27
OUTPUTXBAR4
1
O
Output 4 of the output XBAR
EQEP2S
2
I/O
Enhanced QEP2 strobe
MFSXB
3
I/O
McBSP-B transmit frame synch
OUTPUTXBAR4
5
O
Output 4 of the output XBAR
SPISTEB
6
I/O
SPI-B slave transmit enable
SD2_C2
7
I
Sigma-Delta 2 channel 2 clock input
GPIO28
0, 4, 8, 12
V11
64
–
I/O
General-purpose input/output 28
SCIRXDA
1
I
SCI-A receive data
EM1CS4
2
O
External memory interface 1 chip select 4
OUTPUTXBAR5
5
O
Output 5 of the output XBAR
EQEP3A
6
I
Enhanced QEP3 input A
SD2_D3
7
I
Sigma-Delta 2 channel 3 data input
GPIO29
0, 4, 8, 12
W11
65
–
I/O
General-purpose input/output 29
SCITXDA
1
O
SCI-A transmit data
EM1SDCKE
2
O
External memory interface 1 SDRAM clock enable
OUTPUTXBAR6
5
O
Output 6 of the output XBAR
EQEP3B
6
I
Enhanced QEP3 input B
SD2_C3
7
I
Sigma-Delta 2 channel 3 clock input
GPIO30
0, 4, 8, 12
T11
63
–
I/O
General-purpose input/output 30
CANRXA
1
I
CAN-A receive
EM1CLK
2
O
External memory interface 1 clock
OUTPUTXBAR7
5
O
Output 7 of the output XBAR
EQEP3S
6
I/O
Enhanced QEP3 strobe
SD2_D4
7
I
Sigma-Delta 2 channel 4 data input
GPIO31
0, 4, 8, 12
U11
66
–
I/O
General-purpose input/output 31
CANTXA
1
O
CAN-A transmit
EM1WE
2
O
External memory interface 1 write enable
OUTPUTXBAR8
5
O
Output 8 of the output XBAR
EQEP3I
6
I/O
Enhanced QEP3 index
SD2_C4
7
I
Sigma-Delta 2 channel 4 clock input
GPIO32
0, 4, 8, 12
U13
67
–
I/O
General-purpose input/output 32
SDAA
1
I/OD
I2C-A data open-drain bidirectional port
EM1CS0
2
O
External memory interface 1 chip select 0
GPIO33
0, 4, 8, 12
T13
69
–
I/O
General-purpose input/output 33
SCLA
1
I/OD
I2C-A clock open-drain bidirectional port
EM1RNW
2
O
External memory interface 1 read not write
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com