Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL716
Description  Four Channel Digital Isolators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL716 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL716 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL715/6/7
ISOLOOP®
Recommended Operating Conditions
Parameters
Symbol
Min.
Max.
Units
Ambient Operating Temperature
T
A
-40
100
oC
Supply Voltage
VDD1,VDD2
3.0
5.5
Volts
Logic High Input Voltage
V
IH
2.4
VDD
Volts
Logic Low Input Voltage
V
IL
0
0.8
Volts
Input Signal Rise and Fall Times
t
IR,tIF
1
µsec
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
T
S
-55
175
oC
Ambient Operating Temperature
(1)
T
A
-55
125
oC
Supply Voltage
VDD1,VDD2
-0.5
7
Volts
Input Voltage
V
I
-0.5
VDD1+0.5
Volts
Output Voltage
V
O
-0.5
VDD2+0.5
Volts
Output Current Drive Channel
I
O
10
mAmps
Lead Solder Temperature (10s)
260
oC
ESD
2kV Human Body Model
Insulation Specifications
Parameter
Symbol
Min
Typ.
Max.
Units
Test Condition
Barrier Impedance
>10
14 ||7
Ω || pF
Creepage Distance (External)
8.077 (0.3” SOIC)
mm
4.026 (0.15” SOIC)
Leakage Current
0.2
µAmps
240 V
RMS
Capacitance (Input-Output)
(5)
C
I
-O
4.0
pF
f= 1MHz
Model
Pollution
Material
Max Working
Package Type
Degree
Group
Voltage
16–SOIC (0.3”) 16–SOIC (0.15”)
IL715, IL716, IL717
II
III
300 VRMS
'
IL715-3, IL716-6, IL717-3
II
III
150 VRMS
'
IEC61010-1
TUV Certificate Numbers: B 01 07 44230 003
Classification as Table 1.
UL 1577
Component Recognition program. File # E207481
Rated 2500Vrms for 1min.
Ordering Information
Model
Package Type
16-SOIC (0.3”)
16-SOIC (0.15”)*
IL715
(no mark)
-3
IL716
(no mark)
-3
IL717
(no mark)
-3
* UL & IEC approval is pending for the 16-SOIC (0.15”) parts.
Example: IL715 is packaged as a 16-SOIC (0.3”)
IL716-3 is packaged as a 16-SOIC (0.15”)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com