Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL716
Description  Four Channel Digital Isolators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL716 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL716 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL715/6/7
ISOLOOP®
Electrical Specifications
Electrical Specifications are Tmin to Tmax .
Parameter
Symbol
3.3 Volt Specifiations
5Volt Specifications
Units
Test Conditions
DC Specifications
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Quiescent Supply Current
IL715
IDD1
17
27
22
40
µA
IL716
IDD1
2.4
3.3
4
5
mA
IL717
IDD1
1.5
1.7
2.2
2.5
mA
Output Quiescent Supply Current
IL715
IDD2
4.8
7
8
10
mA
IL716
IDD2
2.4
3.3
4
5
mA
IL717
IDD2
2
5.3
7
8
mA
Logic Input Current
I
I
-10
10
-10
10
µA
Logic High Output Voltage
V
OH
VDD-0.1
VDD
VDD-0.1
VDD
VI
O =-20 µA, VI =VIH
0.8*V
DD
V
DD-0.5
0.8*V
DD
V
DD-0.5
I
O
=-4mA, V
I =VIH
Logic Low Output Voltage
V
OL
0
0.1
0
0.1
V
I
O =20 µA, VI =VIL
0.5
0.8
0.5
0.8
I
O
= 4 mA, V
I =VIL
Switching Parameters
Maximum Data Rate
100
110
100
110
MBd
C
L =15pF
Minimum Pulse Width
PW
10
10
ns
50% Points, V
O
Propagation Delay
Input to Output (High to Low)
t
PHL
12
18
10
15
ns
C
L
=15pF
Propagation Delay
Input to Output ( Low to High)
t
PLH
12
18
10
15
ns
C
L
=15pF
Pulse Width Distortion
(2)
| tPHL- tPLH |
PWD
2
3
2
3
ns
C
L
=15pF
Propagation Delay Skew
(3)
t
PSK
46
4
6
ns
C
L =15pF
Output Rise Time (10-90%)
t
R
24
1
3
ns
C
L =15pF
Output Fall Time (10-90%)
t
F
24
1
3
ns
C
L =15pF
Common Mode Transient
|CMH|
Immunity (Output Logic High
20
30
20
30
kV/
µs
Vcm =300V
or Logic Low)
(4)
|CML|
Channel to Channel Skew
t
CSK
23
2
3
ns
C
L
=15pF
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage
could range from performance degradation to complete failure.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com