Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL716
Description  Four Channel Digital Isolators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL716 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL716 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL715/6/7
ISOLOOP®
4
Notes:
1.
Absolute Maximum ambient operating temperature means
the device will not be damaged if operated under these
conditions. It does not guarantee performance.
2.
PWD is defined as | t
PHL–tPLH |.
%PWD is equal to the
PWD divided by the pulse width.
3.
t
PSK is equal to the magnitude of the worst case difference in
t
PHL and/or tPLH that will be seen between units at 25
OC.
4.
CM
H is the maximum common mode voltage slew rate that
can be sustained while maintaining V
O > 0.8 VDD.CML is
the maximum common mode input voltage that can be
sustained while maintaining V
O < 0.8 V. The common
mode voltage slew rates apply to both rising and falling
common mode voltage edges.
5.
Device is considered a two terminal device:
pins 1–8 shorted and pins 9–16 shorted.
250
200
100
0
0
50
ROOM
TEMPERATURE
100
150
200
250
TIME (SECONDS)
160ºC
150ºC
140ºC
PRE HEATING TIME
2.5ºC
±0.5ºC / SEC
PEAK TEMPERATURE 245º C
PEAK TEMPERATURE 240°C
PEAK TEMPERATURE 230ºC
SOLDERING TIME
200ºC
PRE HEATING RATE 3ºC + 1ºC /-0.5ºC /SEC.
REFLOW HEATING RATE 2.5º C
± 0.5ºC /SEC.
TIGHT
TYPICAL
LOOSE
200º C
50 SEC
30 SEC
30 SEC
3ºC+1ºC /-0.5ºC
150ºC, 90
±30 SEC.
IR Soldering Profile



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com