Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IL716
Description  Four Channel Digital Isolators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL716 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IL716 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL716 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL715/6/7
ISOLOOP®
6
0.291(7.391)
9
16
0.299(7.595)
0.013(0.330)
0.009(0.229)
0.012(0.305)
0.016(0.41)
0.050(1.27)
0.092(2.337)
0.104(2.642)
0.004(0.1016)
0.011(0.279)
0.040(1.016)
0.060(1.524)
Dimensions in inches (mm)
0.020(0.508)
0.010(0.254)
0.020(0.508)
x45
0.394 (10.007)
0.419 (10.643)
0.080(2.032)
0.100(2.54)
0
0 -80 TYP
7
0 TYP
0.287(7.290)
0.297(7.544)
7
0 TYP
0.397(10.084)
0.413(10.490)
Pin 1
Indent
1
8
0.3” SOIC-16 Package
0.15” SOIC-16 Package
0.386
(9.802)
0.394
(9.999)
0.228 (5.791)
0.244 (6.197)
0.152 (3.861)
0.157 (3.988)
0.013 (0.330)
0.020 (0.508)
0.054 (1.372)
0.050 (1.270)
0.068 (1.727)
0.060 (1.524)
0.004 (0.102)
0.010 (0.249)
0.040 (1.016)
0.060 (1.524)
Dimensions: inches (mm)
min
max
0.008 (0.191)
0.010 (0.249)
0
8
0.016 (0.406)
0.050 (1.270)
0.010 (0.245)
0.020 (0.508)
x45
1
Pin 1
Indent



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com