Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2130CDT Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2130CDT Datasheet HTML 1Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
5
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 30MHz, 50% Duty cycle, MODE = AVDD, REFTS = 2.5V, REFBS = 0.5V, TA = TMIN to TMAX,
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Inputs / Outputs in Top/Bottom Mode (MODE=AVDD)
Bottom reference voltage
applied to REFBS
0
AVDD – 1V
Top reference voltage applied to
REFTS
1
AVDD
V
Differential reference input
(REFTS – REFBS)
VTB
12
V
Switched input capacitance on
REFBS
0.6
pF
Switched input capacitance on
REFTS
0.6
pF
REFBF output voltage
(AVDD -
VTB)/2
V
REFTF output voltage
(AVDD +
VTB)/2
V
Analogue Reference Inputs / Outputs in Centre-Span Mode (MODE=AVDD/2)
Reference voltage derived or
applied to VREF
12
V
REFBF output voltage
(AVDD -
VREF)/2
V
REFTF output voltage
(AVDD +
VREF)/2
V
Analogue Reference Inputs / Outputs in Full External Reference Mode (MODE=AGND) (Note 1)
Differential reference voltage
applied (REFTF – REFBF)
12
V
AVDD = 3.0V
1.3
1.5
1.7
V
Reference input common mode
(REFTF + REFBF) / 2
AVDD = 5.0V
2.0
2.5
3.0
V
Reference input resistance
680
Ω
VREF Input / Output specifications
Internal 1V reference to VREF
REFSENSE = VREF
0.95
1.0
1.05
V
Internal 2V reference to VREF
REFSENSE = AGND
1.9
2.0
2.1
V
External reference applied to
VREF pin in centre-span mode
REFSENSE = AVDD,
MODE = AVDD / 2
12
V
Input impedance in centre-span
mode
REFSENSE = AVDD,
MODE = AVDD / 2
18
k
Ω
Power Supplies
AVDD = DVDD = 3V,
MODE = AGND
29
40
Operating supply current
IAVDD + IDVDD
AVDD = DVDD = 5V
50
mA
Standby Power
PSTBY
AVDD = DVDD = 3V,
MODE = AGND
35
mW
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
(Note 2)
0.2 x VDD
V
Input HIGH level
VIH
(Note 2)
0.8 x VDD
V
Notes
1.
In full external reference mode the REFTF and REFTS pins should be shorted together, and the REFBF and REFBS
pins should be shorted together. Please refer to device operation examples in the device description section of the
datasheet.
2.
Digital input and output levels refer to the supply used for the input/output buffer on the relevant pin. MODE refers to
the AVDD supply, all other digital input/output refers to the DVDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com