| Electronic Components Datasheet Search |
|
WM2130CDT Datasheet(PDF) 8 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM2130CDT Datasheet(HTML) 8 Page - Wolfson Microelectronics plc |
|
8 / 20 page ![]() WM2130 Production Data WOLFSON MICROELECTRONICS LTD PD Rev 1.2 April 2001 8 DEVICE DESCRIPTION INTRODUCTION The WM2130 is a high speed analogue-to-digital converter (ADC) with on-chip sample and hold and reference generation, designed for applications such as composite video digitisation, digital copiers and and high speed data acquisition. The chip architecture consists of: • High bandwidth sample and hold input, which can operate in differential or single- ended mode • 10-bit, 30MSPS pipeline analogue-to-digital converter (ADC) core • On-chip reference generator and reference buffer (external references can also be used for applications where common or high precision references are required) • 10-bit parallel interface to read ADC conversion data. An out-of-range output pin indicates when the input signal is outside the converter’s range (this is disabled in AD876 compatible mode). ANALOGUE SIGNAL PATH The WM2130 analogue signal path consists of a DC clamp with a 10-bit clamp level DAC (discussed under ‘DC Clamp’, below), a high-bandwidth sample and hold unit and a fast 10-bit pipelined analogue to digital converter (ADC core). SAMPLE AND HOLD REFTS REFBS AIN -1/2 +1 -1/2 REFTF REFBF ADC CORE VQ+ VQ- Figure 5 Analogue Input Signal Flow Figure 5 shows the signal flow through the sample and hold unit to the ADC core, where the process of analogue to digital conversion is performed against the ADC reference voltages, REFTF and REFBF (their generation from internal or external reference sources is described later). SAMPLE AND HOLD The analogue input voltage VIN is applied to the AIN pin, either DC coupled or AC coupled. The differential sample and hold processes VIN with respect to the voltages applied to the REFTS and REFBS pins, and produces a differential output VQ = VQ+ - VQ- given by: M IN Q V V V − = where 2 REFBS REFTS V M + = For single-ended input signals, VM is a constant voltage; usually the AIN mid-scale input voltage. However, in differential mode (see ‘ADC Reference Modes’, below), REFTS and REFBS can be connected together to operate with AIN as a complementary pair of differential inputs. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |