Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2130CDT Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM2130CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
WM2130
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
6
Sample 1
Sample 5
Sample 4
Sample 3
Sample 2
tCLK
tCL
tCH
Digital Output
tD
Pipeline Delay
Sample 1
Sample 2
Note: All timing measurements are based on 50% of edge transition
CLK
Analogue Input
at AIN
Figure 1 Output Timing
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 30MHz, 50% duty cycle, MODE = AVDD, REFTS = 2.5V, REFBS = 0.5V, TA = TMIN to TMAX,
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock
Clock period
tCLK
33
ns
Clock high time
tCH
15
16.5
ns
Clock low time
tCL
15
16.5
ns
Timing
Pipeline delay
3
CLK cycles
Clock to data valid
tD
25
ns
Output disable to hi-Z output
tDZ
020
ns
Output enable to data valid
tDEN
020
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com