Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2130CDT Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2130CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 10Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 11Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 12Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
9
ANALOGUE-TO-DIGITAL CONVERTER
Regardless of the reference configuration, VQ is digitised against ADC Reference Voltages REFTF
and REFBF, full scale values of VQ being given by:
2
REFBF
REFTF
V
QFS
−
=
+
and
−
−
=
−
2
REFBF
REFTF
V
QFS
Attempts to convert VQ voltages outside the range of VQFS- to VQFS+ are signalled to the application
by driving the OVR output pin high. If VQ is less than VQFS-, the ADC output code is 0. If VQ is greater
than VQFS+, the output code is 1023.
SIGNAL CHAIN SUMMARY
Combining the above equations and referring back to the input, the positive and negative full-scale
voltages at the AIN pin are:
2
REFBF
REFTF
V
V
M
INFS
−
+
=
+
and
2
REFBF
REFTF
V
V
M
INFS
−
−
=
−
Therefore the input signal span is given by:
REFBF
REFTF
V
V
INFS
INFS
−
=
−
−
+
In order to match the ADC input range to the input signal amplitude, REFTF and REFBF should be
set such that:
)
(
−
+ −
=
−
INFS
INFS
V
V
REFBF
REFTF
ADC REFERENCE MODES
The WM2130 supports three basic modes of reference generation, selected by the voltage applied to
the MODE pin. These are summarised and explained in Table 1.
In differential, Centre Span and Top/Bottom modes, the internally generated ADC references are
intened solely for WM2130 internal use and REFTF and REFBF must not be used as voltage
references for any other device in the application.
MODE
PIN
MODE
FUNCTION
COMMENTS
AGND
Full external
REFTS
REFTF
=
REFBS
REFBF
=
On-chip reference generator and reference buffer are
not used.
AVDD/2
Differential
2
REF
V
AVDD
REFTF
+
=
2
REF
V
AVDD
REFTF
−
=
VREF can be internally or externally generated.
REFTS and REFBS are joined together and connected
either to the negative end of the input signal (true
differential mode) or to the AIN mid-scale voltage
(centre-span mode).
AVDD
Top/Bottom
()
2
REFBS
REFTS
AVDD
REFTF
−
+
=
()
2
REFBS
REFTS
AVDD
REFBF
−
−
=
On-chip reference generator is not used. Reference
buffer centers external reference voltages around
AVDD/2.
Table 1 WM2130 Reference Generation Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com