Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140IRTER Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 44Page - Texas Instruments PCMD3140IRTER Datasheet HTML 45Page - Texas Instruments PCMD3140IRTER Datasheet HTML 46Page - Texas Instruments PCMD3140IRTER Datasheet HTML 47Page - Texas Instruments PCMD3140IRTER Datasheet HTML 48Page - Texas Instruments PCMD3140IRTER Datasheet HTML 49Page - Texas Instruments PCMD3140IRTER Datasheet HTML 50Page - Texas Instruments PCMD3140IRTER Datasheet HTML 51Page - Texas Instruments PCMD3140IRTER Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
Each GPOx or GPIOx pin can be independently set for the desired drive configurations setting using the
GPOx_DRV[3:0] or GPIO1_DRV[3:0] register bits. Table 7-42 lists the drive configuration settings.
Table 7-42. GPIO or GPOx Pins Drive Configuration Settings
P0_R33_D[3:0] : GPIO1_DRV[3:0]
GPIO OUTPUT DRIVE CONFIGURATION SETTINGS FOR GPIO1
000
The GPIO1 pin is set to high impedance (floated)
001
The GPIO1 pin is set to be driven active low or active high
010 (default)
The GPIO1 pin is set to be driven active low or weak high (on-chip pullup)
011
The GPIO1 pin is set to be driven active low or Hi-Z (floated)
100
The GPIO1 pin is set to be driven weak low (on-chip pulldown) or active high
101
The GPIO1 pin is set to be driven Hi-Z (floated) or active high
110 and 111
Reserved (do not use these settings)
Similarly, the GPO1 pin can be configured using the GPO1_DRV (P0_R34) register bits.
When configured as a general-purpose output (GPO), the GPIO1 or GPOx pin values can be driven by writing
the GPIO_VAL or GPOx_VAL (P0_R41) registers. The GPIO_MON (P0_R42) register can be used to readback
the status of the GPIO1 pin when configured as a general-purpose input (GPI). Similarly, the GPI_MON
(P0_R47) register can be used to readback the status of the GPIx pins when configured as a general-purpose
input (GPI).
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com