Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140IRTER Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 64Page - Texas Instruments PCMD3140IRTER Datasheet HTML 65Page - Texas Instruments PCMD3140IRTER Datasheet HTML 66Page - Texas Instruments PCMD3140IRTER Datasheet HTML 67Page - Texas Instruments PCMD3140IRTER Datasheet HTML 68Page - Texas Instruments PCMD3140IRTER Datasheet HTML 69Page - Texas Instruments PCMD3140IRTER Datasheet HTML 70Page - Texas Instruments PCMD3140IRTER Datasheet HTML 71Page - Texas Instruments PCMD3140IRTER Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
Table 7-66. GPI_CFG0 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
RESERVED
R
0b
Reserved bit; Write only reset value
2-0
GPI2_CFG[2:0]
R/W
000b
MICBIAS_GPI2 as GPI2 configuration.
0d = GPI2 is disabled
1d = GPI2 is configured as a general-purpose input (GPI)
2d = GPI2 is configured as a master clock input (MCLK)
3d = GPI2 is configured as an ASI input for daisy-chain or ASI input
for mixing (SDIN)
4d = GPI2 is configured as a PDM data input for channel 1 and
channel 2 (PDMDIN1)
5d = GPI2 is configured as a PDM data input for channel 3 and
channel 4 (PDMDIN2)
6d = Reserved; Don't use
7d = PD all ADC channels
7.6.1.23 GPI_MON Register (Address = 0x2F) [Reset = 0x0]
GPI_MON is shown in Figure 7-90 and described in Table 7-67.
Return to the Table 7-44.
This regiser is the GPI monitor value register.
Figure 7-90. GPI_MON Register
7
6
5
4
3
2
1
0
GPI1_MON
GPI2_MON
RESERVED
R-0b
R-0b
R-000000b
Table 7-67. GPI_MON Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPI1_MON
R
0b
GPI1 monitor value when configured as a GPI.
0d = Input monitor value 0
1d = Input monitor value 1
6
GPI2_MON
R
0b
GPI2 monitor value when MICBIAS_GPI2 is configured as a GPI.
0d = Input monitor value 0
1d = Input monitor value 1
5-0
RESERVED
R
000000b
Reserved bits; Write only reset value
7.6.1.24 INT_CFG Register (Address = 0x32) [Reset = 0x0]
INT_CFG is shown in Figure 7-91 and described in Table 7-68.
Return to the Table 7-44.
This regiser is the interrupt configuration register.
Figure 7-91. INT_CFG Register
7
6
5
4
3
2
1
0
INT_POL
INT_EVENT[1:0]
RESERVED
LTCH_READ_C
FG
RESERVED
R/W-0b
R/W-00b
R-00b
R/W-0b
R-00b
Table 7-68. INT_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_POL
R/W
0b
Interrupt polarity.
0d = Active low (IRQZ)
1d = Active high (IRQ)
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
68
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com