Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140IRTER Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 78 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 74Page - Texas Instruments PCMD3140IRTER Datasheet HTML 75Page - Texas Instruments PCMD3140IRTER Datasheet HTML 76Page - Texas Instruments PCMD3140IRTER Datasheet HTML 77Page - Texas Instruments PCMD3140IRTER Datasheet HTML 78Page - Texas Instruments PCMD3140IRTER Datasheet HTML 79Page - Texas Instruments PCMD3140IRTER Datasheet HTML 80Page - Texas Instruments PCMD3140IRTER Datasheet HTML 81Page - Texas Instruments PCMD3140IRTER Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
Figure 7-109. DSP_CFG1 Register (continued)
DVOL_GANG
BIQUAD_CFG[1:0]
DISABLE_SOF
T_STEP
RESERVED
RESERVED
RESERVED
RESERVED
R/W-0b
R/W-10b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
Table 7-86. DSP_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
DVOL_GANG
R/W
0b
DVOL control ganged across channels.
0d = Each channel has its own DVOL CTRL settings as programmed
in the CHx_DVOL bits
1d = All active channels must use the channel 1 DVOL setting
(CH1_DVOL) irrespective of whether channel 1 is turned on or not
6-5
BIQUAD_CFG[1:0]
R/W
10b
Number of biquads per channel configuration.
0d = No biquads per channel; biquads are all disabled
1d = 1 biquad per channel
2d = 2 biquads per channel
3d = 3 biquads per channel
4
DISABLE_SOFT_STEP
R/W
0b
Soft-stepping disable during DVOL change, mute, and unmute.
0d = Soft-stepping enabled
1d = Soft-stepping disabled
3
RESERVED
R/W
0b
Reserved bit; Write only reset value
2
RESERVED
R/W
0b
Reserved bit; Write only reset value
1
RESERVED
R/W
0b
Reserved bit; Write only reset value
0
RESERVED
R/W
0b
Reserved bit; Write only reset value
7.6.1.43 IN_CH_EN Register (Address = 0x73) [Reset = 0xC0]
IN_CH_EN is shown in Figure 7-110 and described in Table 7-87.
Return to the Table 7-44.
This register is the input channel enable configuration register.
Figure 7-110. IN_CH_EN Register
7
6
5
4
3
2
1
0
IN_CH1_EN
IN_CH2_EN
IN_CH3_EN
IN_CH4_EN
RESERVED
R/W-1b
R/W-1b
R/W-0b
R/W-0b
R-0000b
Table 7-87. IN_CH_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7
IN_CH1_EN
R/W
1b
Input channel 1 enable setting.
0d = Channel 1 is disabled
1d = Channel 1 is enabled
6
IN_CH2_EN
R/W
1b
Input channel 2 enable setting.
0d = Channel 2 is disabled
1d = Channel 2 is enabled
5
IN_CH3_EN
R/W
0b
Input channel 3 (PDM only) enable setting.
0d = Channel 3 is disabled
1d = Channel 3 is enabled
4
IN_CH4_EN
R/W
0b
Input channel 4 (PDM only) enable setting.
0d = Channel 4 is disabled
1d = Channel 4 is enabled
3-0
RESERVED
R
0000b
Reserved bits; Write only reset value
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
78
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com