Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA128GFMLTH Datasheet(PDF) 37 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 37 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
37
The Chip Erase command sequence: CS# goes low→sending Chip Erase command→CS# goes high.
The command sequence is shown in Figure22. CS# must be driven high after the eighth bit of the
command code has been latch in, otherwise the Chip Erase command is not executed. As soon as CS# is
driven high, the self-timed Chip Erase cycle (whose duration is tCE) is initiated. While the Chip Erase cycle
is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The
Write In Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Chip
Erase (CE) command is executed if the Block protected by (BP2, BP1, BP0) bits. The Chip Erase(CE)
command is ignored if one or more sectors are protected. Note: Power disruption during erase operation
will cause incomplete erase, thus recommend to perform a re-erase once power resume.
Figure22. Chip Erase Sequence Diagram
Figure22a. Chip Erase Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com