Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA128GFMLTH Datasheet(PDF) 63 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 63 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 64Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 65Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 66Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 67Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
63
DC Characteristics(T=-40℃~85℃,VCC=2.7~3.6V)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Unit
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1
Standby Current
CS#=VCC VIN=VCC or
VSS
12
20
μA
ICC2
Deep Power-Down Current
CS#=VCC VIN=VCC or
VSS
0.1
0.2
μA
ICC3
Operating Current(Read)
CLK=0.1VCC/0.9VCC at
108MHz ,Q=Open(*1I/O)
15
20
mA
CLK=0.1VCC/0.9VCC at
80MHz,Open(*1,*2,4I/O)
13
18
CLK=0.1VCC/0.9VCC at
50MHz ,Q=Open(*1I/O)
5
7
ICC4
Operating Current(PP)
CS#=VCC
20
mA
ICC5
Operating Current(WRSR)
CS#=VCC
20
mA
ICC6
Operating Current(SE)
CS#=VCC
20
mA
ICC7
Operating Current(BE)
CS#=VCC
20
mA
VIL
Input Low Voltage
-0.5
0.2VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL=1.6mA
0.4
V
VOH
Output High Voltage
IOH=-100uA
VCC-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com