Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA128GFMLTH Datasheet(PDF) 51 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 51 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 55Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
51
Set Read Parameters (C0H)
In QPI mode the “Set Read Parameters (C0H)” command can be used to configure the number of dummy
clocks for “Fast Read (0BH)”, “Quad I/O Fast Read (EBH)” and “Burst Read with Wrap (0CH)” command,
and to configure the number of bytes of “Wrap Length” for the “Burst Read with Wrap (0CH)” command.
The “Wrap Length” is set by W5-6 bit in the “Set Burst with Wrap (77H)” command. This setting will
remain unchanged when the device is switched from Standard SPI mode to QPI mode
P5-P4
Dummy Clocks
Maximum Read Freq.
P1-P0
Wrap Length
0 0
4
48MHz
0 0
8-byte
0 1
4
48MHz
0 1
16-byte
1 0
6
54MHz
1 0
32-byte
1 1
8
72MHz
1 1
64-byte
Burst Read with Wrap (0CH)
The “Burst Read with Wrap (0CH)” command provides an alternative way to perform the read operation
with “Wrap Around” in QPI mode. This command is similar to the “Fast Read (0BH)” command in QPI
mode, except the addressing of the read operation will “Wrap Around” to the beginning boundary of the
“Wrap Around” once the ending boundary is reached. The “Wrap Length” and the number of dummy
clocks can be configured by the “Set Read Parameters (C0H)” command. When the dummy cycle is
configured to 4, addr[0] input must be 0.
Figure38. Set Read Parameters Command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com