Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 26Page - NXP Semiconductors MPC755 Datasheet HTML 27Page - NXP Semiconductors MPC755 Datasheet HTML 28Page - NXP Semiconductors MPC755 Datasheet HTML 29Page - NXP Semiconductors MPC755 Datasheet HTML 30Page - NXP Semiconductors MPC755 Datasheet HTML 31Page - NXP Semiconductors MPC755 Datasheet HTML 32Page - NXP Semiconductors MPC755 Datasheet HTML 33Page - NXP Semiconductors MPC755 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
30
Freescale Semiconductor
Pinout Listings
DH[0:31]
W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7,
P9, W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5,
U5, W4, P7, V5, V4, W3, U4, R5
High
I/O
OVDD
DL[0:31]
M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13,
U12, P12, T13, W13, U13, V10, W8, T11, U11, V12,
V8, T1, P1, V1, U1, N1, R2, V3, U3, W2
High
I/O
OVDD
DP[0:7]
L1, P2, M2, V2, M1, N2, T3, R1
High
I/O
OVDD
DRTRY
H6
Low
Input
OVDD
GBL
B1
Low
I/O
OVDD
GND
D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14,
F16, G9, G11, H5, H8, H10, H12, H15, J9, J11, K4, K6,
K8, K10, K12, K14, K16, L9, L11, M5, M8, M10, M12,
M15, N9, N11, P4, P6, P10, P14, P16, R8, R12, T4, T6,
T10, T14, T16
——
GND
HRESET
B6
Low
Input
OVDD
INT
C11
Low
Input
OVDD
L1_TSTCLK
F8
High
Input
—
2
L2ADDR[16:0]
G18, H19, J13, J14, H17, H18, J16, J17, J18, J19, K15,
K17, K18, M19, L19, L18, L17
High
Output
L2OVDD
L2AVDD
L13
—
—
2.0 V
L2CE
P17
Low
Output
L2OVDD
L2CLK_OUTA
N15
—
Output
L2OVDD
L2CLK_OUTB
L16
—
Output
L2OVDD
L2DATA[0:63]
U14, R13, W14, W15, V15, U15, W16, V16, W17, V17,
U17, W18, V18, U18, V19, U19, T18, T17, R19, R18,
R17, R15, P19, P18, P13, N14, N13, N19, N17, M17,
M13, M18, H13, G19, G16, G15, G14, G13, F19, F18,
F13, E19, E18, E17, E15, D19, D18, D17, C18, C17,
B19, B18, B17, A18, A17, A16, B16, C16, A14, A15,
C15, B14, C14, E13
High
I/O
L2OVDD
L2DP[0:7]
V14, U16, T19, N18, H14, F17, C19, B15
High
I/O
L2OVDD
L2OVDD
D15, E14, E16, H16, J15, L15, M16, P15, R14, R16,
T15, F15
—
—
L2OVDD
L2SYNC_IN
L14
—
Input
L2OVDD
L2SYNC_OUT
M14
—
Output
L2OVDD
L2_TSTCLK
F7
High
Input
—
2
L2VSEL
A19
High
Input
L2OVDD
1, 5, 6, 7
L2WE
N16
Low
Output
L2OVDD
Table 15. Pinout Listing for the MPC755, 360 BGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com