Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 48Page - NXP Semiconductors MPC755 Datasheet HTML 49Page - NXP Semiconductors MPC755 Datasheet HTML 50Page - NXP Semiconductors MPC755 Datasheet HTML 51Page - NXP Semiconductors MPC755 Datasheet HTML 52Page - NXP Semiconductors MPC755 Datasheet HTML 53Page - NXP Semiconductors MPC755 Datasheet HTML 54Page - NXP Semiconductors MPC755 Datasheet HTML 55Page - NXP Semiconductors MPC755 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
52
Freescale Semiconductor
Document Revision History
1
—
Corrected errors in Section 1.2.
Removed references to MPC745 CBGA package in Sections 1.3 and 1.4.
Added airflow values for
θ
JA to Table 5.
Corrected VIH maximum for 1.8 V mode in Table 6.
Power consumption values added to Table 7.
Corrected tMXRH in Table 9, deleted Note 2 application note reference.
Added Max fL2CLK and Min tL2CLK values to Table 11.
Updated timing values in Table 12.
Corrected Note 2 of Table 13.
Changed Table 14 to reflect I/F voltages supported.
Removed 133 and 150 MHz columns from Table 16.
Added document reference to Section 1.7.
Added DBB to list of signals requiring pull-ups in Section 1.8.7.
Removed log entries from Table 20 for revisions prior to public release.
0
—
Product announced. Documentation made publicly available.
Table 19. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com