Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 29Page - NXP Semiconductors MPC755 Datasheet HTML 30Page - NXP Semiconductors MPC755 Datasheet HTML 31Page - NXP Semiconductors MPC755 Datasheet HTML 32Page - NXP Semiconductors MPC755 Datasheet HTML 33Page - NXP Semiconductors MPC755 Datasheet HTML 34Page - NXP Semiconductors MPC755 Datasheet HTML 35Page - NXP Semiconductors MPC755 Datasheet HTML 36Page - NXP Semiconductors MPC755 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
33
Package Description
7.1
Package Parameters for the MPC745 PBGA
The package parameters are as provided in the following list. The package type is 21
× 21 mm, 255-lead
plastic ball grid array (PBGA).
Package outline
21
× 21 mm
Interconnects
255 (16
× 16 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.25 mm
Maximum module height
2.80 mm
Ball diameter (typical)
0.75 mm (29.5 mil)
7.2
Mechanical Dimensions for the MPC745 PBGA
Figure 18 provides the mechanical dimensions and bottom surface nomenclature for the MPC745,
255 PBGA package.
Figure 18. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC745,
255 PBGA Package
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE A1 CORNER IS
DESIGNATED WITH A BALL MISSING
FROM THE ARRAY.
4. CAPACITOR PADS MAY BE
UNPOPULATED.
Millimeters
DIM
Min
Max
A
2.25
2.80
A1
0.50
0.70
A2
1.00
1.20
A3
—0.60
b
0.60
0.90
D
21.00 BSC
D1
6.75
E
21.00 BSC
E1
7.87
e
1.27 BSC
0.2
D
2X
A1 CORNER
E
0.2
B
A
C
0.2 C
B
C
255X
e
123456789 10 111213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
E1
D1
A
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com