Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33131 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 29Page - Microchip Technology MCP33131 Datasheet HTML 30Page - Microchip Technology MCP33131 Datasheet HTML 31Page - Microchip Technology MCP33131 Datasheet HTML 32Page - Microchip Technology MCP33131 Datasheet HTML 33Page - Microchip Technology MCP33131 Datasheet HTML 34Page - Microchip Technology MCP33131 Datasheet HTML 35Page - Microchip Technology MCP33131 Datasheet HTML 36Page - Microchip Technology MCP33131 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 33
MCP33131/MCP33121/MCP33111-XX
EQUATION 6-7:
NOISE DENSITY FOR ADC
INPUT DRIVER
Using Equation 6-7, the recommended maximum
noise voltage density limit for unity gain input driver for
single-ended input ADC can be estimated. Table 6-1 to
Table 6-3 show a few example results with GN = 1. The
user may use these tables as a reference when
selecting the ADC input driver amplifier.
TABLE 6-1:
Noise Voltage Density (eN) of
Input Driver for MCP33131-XX
TABLE 6-2:
Noise Voltage Density (eN) of
Input Driver for MCP33121-XX
TABLE 6-3:
Noise Voltage Density (eN) of
Input Driver for MCP33111-XX
ADC
(Note 1)
RC
Filter
ADC Input Driver
Amplifier (GN = 1)
VREF
SNR
(dBFS)
ADC
Input-Referred
Noise
fB
(Table 2)
Noise Voltage
Density (eN)
2.5V
81
78.8
V
3 MHZ
7.3 nV/√Hz
4 MHz
6.3 nV/√Hz
5 MHZ
5.6 nV/√Hz
3.3V
83
82.6
V
3 MHZ
7.6 nV/√Hz
4 MHz
6.6 nV/√Hz
5 MHZ
5.9 nV/√Hz
5V
87
79
V
3 MHZ
7.3 nV/√Hz
4 MHz
6.3 nV/√Hz
5 MHZ
5.6 nV/√Hz
Note
1:
See Equation 6-4 for the ADC input-referred noise
calculation for single-ended input.
2:
fB is -3dB bandwidth of the RC anti-aliasing filter.
V
Hz
-----------


eN
1
10
------
1
GN fB
--------------------------
VREF 10
SNR
20
-----------
–
1
5
---
VN_ADC Input-Referred Noise
GN
eN
2
-------
f
B
ADC
(Note 1)
RC
Filter
ADC Input Driver
Amplifier (GN = 1)
VREF
SNR
(dBFS)
ADC
Input-Referred
Noise
fB
(Note 2)
Noise Voltage
Density (eN)
2.5V
80
88.4
V
3 MHZ
8.1 nV/√Hz
4 MHz
7.1 nV/√Hz
5 MHZ
6.3 nV/√Hz
3.3V
81.5
98.2
V
3 MHZ
9.0 nV/√Hz
4 MHz
7.8 nV/√Hz
5 MHZ
7.0 nV/√Hz
5V
83.5
118.1
V
3 MHZ
10.9 nV/√Hz
4 MHz
9.4 nV/√Hz
5 MHZ
8.4 nV/√Hz
Note
1:
See Equation 6-4 for the ADC input-referred noise
calculation for single-ended input.
2:
fB is -3dB bandwidth of the RC anti-aliasing filter.
ADC
(Note 1)
RC
Filter
ADC Input Driver
Amplifier (GN = 1)
VREF
SNR
(dBFS)
ADC
Input-Referred
Noise
fB
(Note 2)
Noise Voltage
Density (eN)
2.5V
73.2
193.3
V
3 MHZ
17.8 nV/√Hz
4 MHz
15.4 nV/√Hz
5 MHZ
13.8 nV/√Hz
3.3V
73.5
246.6
V
3 MHZ
22.7 nV/√Hz
4 MHz
19.7 nV/√Hz
5 MHZ
17.6 nV/√Hz
5V
73.8
360.9
V
3 MHZ
33.3 nV/√Hz
4 MHz
28.8 nV/√Hz
5 MHZ
25.8 nV/√Hz
Note
1:
See Equation 6-4 for the ADC input-referred noise cal-
culation for single-ended input.
2:
fB is -3dB bandwidth of the RC anti-aliasing filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com