Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33131 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 32Page - Microchip Technology MCP33131 Datasheet HTML 33Page - Microchip Technology MCP33131 Datasheet HTML 34Page - Microchip Technology MCP33131 Datasheet HTML 35Page - Microchip Technology MCP33131 Datasheet HTML 36Page - Microchip Technology MCP33131 Datasheet HTML 37Page - Microchip Technology MCP33131 Datasheet HTML 38Page - Microchip Technology MCP33131 Datasheet HTML 39Page - Microchip Technology MCP33131 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
DS20006122A-page 36
 2018 Microchip Technology Inc.
MCP33131/MCP33121/MCP33111-XX
6.5
Transfer Function
The pseudo-differential analog input is:
VIN = (VIN+) - (VIN-)
where VIN+ is the analog input voltage at AIN+ pin with
respect to the ground reference (GND), and Vin- is the
voltage at AIN- pin, which is 0V when tied to the analog
input ground reference (GND).
The LSB size is given by Equation 6-10. and an
example of LSB size vs. reference voltage is
summarized in Table 6-6.
EQUATION 6-10:
LSB SIZE - EXAMPLE
where N is the resolution of the ADC in bits.
TABLE 6-6:
LSB SIZE VS. REFERENCE
Figure 6-5 shows the ideal transfer function and
Table 6-7 shows the digital output codes for the
MCP33131/MCP33121/MCP33111-XX.
FIGURE 6-5:
Ideal Transfer Function.
TABLE 6-5:
SPI CLOCK SPEED VS. INPUT ACQUISITION TIME (TACQ) FOR MCP331X1-05
Input
Acquisition Time:
tACQ (nS)
(Note 3)
Data
Conversion Time:
tCNV (nS)
(Note 4)
SPI Clock (fSCLK) Speed Requirement
(Note 1), (Note 2)
Sample Rate:
fS (kSPS)
Conditions
MCP33131-05
(16-bit)
MCP33121-05
(14-bit)
MCP33111-05
(12-bit)
700
1300
23.53MHz
20.59 MHz
17.65 MHz
500
-40°C ≤ TA ≤ 125°C
740
22.22 MHz
19.44 MHz
16.67 MHz
490
790
20.78 MHz
18.18 MHz
15.58 MHz
480
930
17.58 MHz
15.39 MHz
13.19 MHz
450
1200
13.56 MHz
11.86 MHz
10.17 MHz
400
1560
10.39 MHz
9.09 MHz
7.79 MHz
350
2030
7.96 MHz
6.97 MHz
5.97 MHz
300
2700
5.97 MHz
5.22MHz
4.48 MHz
250
3700
4.35 MHz
3.8 MHz
3.26 MHz
200
5370
2.99 MHz
2.62 MHz
2.25 MHz
150
8700
1.84 MHz
1.61 MHz
1.38 MHz
100
Note
1:
This is the minimum SPI clock speed requirement to collect all N-bits of the ADC output during the input acquisition time (tACQ), when the
ADC is operating in continuous input sampling mode.
2:
See Equation 6-9 for the calculation of the SPI clock speed requirement.
3:
Input acquisition time (tACQ) is user-controllable.
4:
Data conversion time (tCNV) is not user-controllable.
Reference
Voltage
(VREF)
LSB Size
MCP33131-XX
(16-bit)
MCP33121-XX
(14-bit)
MCP33111-XX
(12-bit)
2.5V
38.2
V
152.6
V
0.6104 mV
2.7V
41.2
V
164.8
V
0.6592 mV
3V
45.8
V
183.1
V
0.7324 mV
3.3V
50.4
V
201.4
V
0.8057 mV
3.5V
53.4
V
213.6
V
0.8545 mV
4V
61.0
V
244.1
V
0.9766 mV
4.5V
68.7
V
274.7
V
1.0986 mV
5V
76.3
V
305.2
V
1.2207 mV
LSB
VREF
2
N
-------------
=
5.1
77.8
V311.3 V
1.2451 mV
VREF
Analog Input Voltage
0V
VREF - 1 LSB
0V + 0.5 LSB
VREF - 1.5 LSB
Digital Output Code (Unipolar Straight Binary)
111 ...111
100 ...000
111 ...110
000 ...001
000 ...000
0V+ 1 LSB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com