Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33131 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 1 Page - Microchip Technology

  MCP33131 Datasheet HTML 1Page - Microchip Technology MCP33131 Datasheet HTML 2Page - Microchip Technology MCP33131 Datasheet HTML 3Page - Microchip Technology MCP33131 Datasheet HTML 4Page - Microchip Technology MCP33131 Datasheet HTML 5Page - Microchip Technology MCP33131 Datasheet HTML 6Page - Microchip Technology MCP33131 Datasheet HTML 7Page - Microchip Technology MCP33131 Datasheet HTML 8Page - Microchip Technology MCP33131 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 1
MCP33131/21/11-XX
Features
• Sample Rate (Throughput):
- MCP33131/21/11-10: 1 Msps
- MCP33131/21/11-05: 500 kSPS
• 16/14/12-Bit Resolution with No Missing Codes
• No Latency Output
• Wide Operating Voltage Range:
- Analog Supply Voltage (AVDD): 1.8V
- Digital Input/Output Interface Voltage (DVIO):
1.7V - 5.5V
- External Reference (VREF): 2.5V - 5.1V
• Pseudo-Differential Input Operation with
Single-Ended Configuration:
- Input Full-Scale Range: 0V to +VREF
• Ultra Low Current Consumption (typical):
- During Input Acquisition (Standby): ~ 0.8 µA
- During Conversion:
MCP331x1-10: ~1.6 mA
MCP331x1-05: ~1.4 mA
• SPI-Compatible Serial Communication:
- SCLK Clock Rate: up to 100 MHz
• ADC Self-Calibration for Offset, Gain, and
Linearity Errors:
- During Power-Up (automatic)
- On-Demand via user’s command during
normal operation
• AEC-Q100 Qualified:
- Temperature Grade 1: -40°C to +125°C
• Package Options: MSOP-10 and TDFN-10
Typical Applications
• High-Precision Data Acquisition
• Medical Instruments
• Test Equipment
• Electric Vehicle Battery Management Systems
• Motor Control Applications
• Switch-Mode Power Supply Applications
• Battery-Powered Equipment
System Design Supports
The MCP331x1-XX Evaluation Kit demonstrates the
performance of the MCP331x1-XX SAR ADC family
devices. The evaluation kit includes: (a) MCP331x1-XX
Evaluation Board, (b) PIC32MZ EF Curiosity Board for
data collection, and (c) SAR ADC Utility PC GUI.
Contact Microchip Technology Inc. for the evaluation
tools and the PIC32 MCU firmware example codes.
Package Types
10
MSOP-10
AIN+
AVDD
AIN-
SDI
SCLK
1
2
3
4
9
8
7 SDO
DVIO
VREF
TDFN-10
AIN+
AVDD
AIN-
SDI
SCLK
1
2
3
4
10
9
8
7 SDO
DVIO
VREF
5
6
GND
CNVST
5
6
GND
CNVST
Top View
Top View
MCP331x1-XX Device Offering (Note 1):
Part Number
Resolution
Sample
Rate
Input Type
Input Range
Performance (Typical)
SNR
(dBFS)
SFDR
(dB)
THD
(dB)
INL
(LSB)
DNL
(LSB)
MCP33131-10
16-bit
1 Msps
Single-Ended
0V to 5.1V
86.7
98.9
-97.4
±2.2
±0.9
MCP33121-10
14-bit
1 Msps
Single-Ended
0V to 5.1V
83.5
98.8
-97.2
±0.55
±0.25
MCP33111-10
12-bit
1 Msps
Single-Ended
0V to 5.1V
73.8
95.9
-93.7
±0.12
±0.06
MCP33131-05
16-bit
500 kSPS
Single-Ended
0V to 5.1V
86.7
98.9
-97.4
±2.2
±0.9
MCP33121-05
14-bit
500 kSPS
Single-Ended
0V to 5.1V
83.5
98.8
-97.2
±0.55
±0.25
MCP33111-05
12-bit
500 kSPS
Single-Ended
0V to 5.1V
73.8
95.9
-93.7
±0.12
±0.06
Note
1:
SNR, SFDR, and THD are measured with fIN = 10 kHz, VIN = -1 dBFS, VREF = 5.1V.
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC


Similar Part No. - MCP33131

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33131D-05 MICROCHIP-MCP33131D-05 Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33131D-05-I/MN MICROCHIP-MCP33131D-05-I/MN Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33131D-05-I/MS MICROCHIP-MCP33131D-05-I/MS Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33131D-05T-I/MN MICROCHIP-MCP33131D-05T-I/MN Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results

Similar Description - MCP33131

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
logo
Texas Instruments
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Microchip Technology
MCP33151-XX MICROCHIP-MCP33151-XX Datasheet
2Mb / 55P
1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
Revision A June 2019
logo
Analog Devices
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com