Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33131 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP33131
Description  1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP33131 Datasheet HTML 3Page - Microchip Technology MCP33131 Datasheet HTML 4Page - Microchip Technology MCP33131 Datasheet HTML 5Page - Microchip Technology MCP33131 Datasheet HTML 6Page - Microchip Technology MCP33131 Datasheet HTML 7Page - Microchip Technology MCP33131 Datasheet HTML 8Page - Microchip Technology MCP33131 Datasheet HTML 9Page - Microchip Technology MCP33131 Datasheet HTML 10Page - Microchip Technology MCP33131 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
 2018 Microchip Technology Inc.
DS20006122A-page 7
MCP33131/MCP33121/MCP33111-XX
System Self-Calibration
Self-Calibration Time
tCAL
—500
650
ms
(Note 2)
Number of SCLK Clocks for
Recalibrate Command
ReCalNSCLK
—
1024
—
clocks
Includes clocks for data bits
Serial Interface Timing Information: See Table 1-2
Digital Inputs/Outputs
High-level Input voltage
VIH
0.7 * DVIO
—DVIO + 0.3
V
DVIO ≥ 2.3V
0.9 * DVIO
—DVIO + 0.3
V
DVIO <2.3V
Low-level input voltage
VIL
-0.3
—
0.3 * DVIO
VDVIO ≥ 2.3V
-0.3
—
0.2 * DVIO
VDVIO <2.3V
Hysteresis of Schmitt Trigger Inputs
VHYST
—
0.2 * DVIO
—
V
All digital inputs
Low-level output voltage
VOL
——
0.2 * DVIO
VIOL =500 µA (sink)
High-level output voltage
VOH
0.8 * DVIO
—
—
V
IOL = - 500 µA (source)
Input leakage current
ILI
—
—
±1
µA
CNVST/SDI/SCLK = GND or DVIO
Output leakage current
ILO
—
—
±1
µA
Output is high-Z, SDO = GND or
DVIO
Internal capacitance
(all digital inputs and outputs)
CINT
—7
—
pF
TA = 25°C (Note 1)
TABLE 1-1:
KEY ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C, AVDD = 1.8V, DVIO = 3.3V, VREF =5V,
GND = 0V, Analog Input (VIN) = -1 dBFS sine wave, fIN =10 kHz, CLOAD_SDO = 20 pF.
• MCP331x1-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
• MCP331x1-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1: This parameter is ensured by design and not 100% tested.
2: This parameter is ensured by characterization and not 100% tested.
3: Decoupling capacitor is recommended on the following pins:
(a) AVDD pin: 1 F ceramic capacitor, (b) DVIO pin: 0.1 F ceramic capacitor, (c) VREF pin: 10 F tantalum capacitor.
4: PSRR (dB) = -20 log (DVOUT/AVDD), where DVOUT = change in conversion result.
5: ENOB = (SINAD - 1.76)/6.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com