| Electronic Components Datasheet Search |
|
EDSTRG40DILAX Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG40DILAX Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 78 page ![]() OPERATING CONDITIONS AND CHARACTERISTICS 1–22 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 operating conditions and characteristics This section defines the current and voltage operating conditions and characteristics. current high-level input current, IIH The current into an input when a high-level voltage is applied to that input. high-level output current, IOH The current into an output with input conditions applied that, according to the product specification, establishes a high level at the output. low-level input current, IIL The current into an input when a low-level voltage is applied to that input. low-level output current, IOL The current into an output with input conditions applied that, according to the product specification, establishes a low level at the output. supply current, ICC, ICC2, ICC3, IPP, ICCSTBY The current into, respectively, the (VCC= VCC1), VCC2, VCC3, VPP, VCCSTBY supply terminals. operating free-air temperature, TA The temperature range over which the device operates and the range which meets the specified electrical characteristics. voltage high-level input voltage, VIH An input voltage within the more positive (less negative) of the two ranges of values used to represent the binary variables. NOTE: A minimum is specified that is the least positive value of high-level input voltage for which of the logic element within specification limits is assured. high-level output voltage, VOH The voltage at an output terminal with input conditions applied that, according to the product specification, establishes a high level at the output. low-level input voltage, VIL An input voltage level within the less positive (more negative) of the two ranges of values is used to represent the binary variables. NOTE: The most positive value of low-level input voltage is specified for which operation of the logic element within specification limits is assured. low-level output voltage, VOL The voltage at an output terminal with input conditions applied that, according to the product specification, establishes a low level at the output. supply voltages, (VCC= VCC1), VCC2, VCC3, VPP, and VCCSTBY The voltages supplied to the corresponding voltage pins that are required for the device to function. One to four of these supplies may be necessary, along with ground(s) (VSS= VSS1, VSS2, and VSS3). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |