Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSTRG40DILAX Datasheet(PDF) 57 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 57 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 53Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 54Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 55Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 56Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 57Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 58Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 59Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 60Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
SCOPE
3–3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
scope
This guideline establishes the requirements for methods and materials used to protect electronic parts, devices,
and assemblies (items) that are susceptible to damage or degradation from electrostatic discharge (ESD). The
electrostatic charges referred to in this specification are generated and stored on surfaces of ordinary plastics,
most common textile garments, ungrounded person’s bodies, and many other commonly unnoticed static
generators. The passage of these charges through an electrostatic-sensitive part can result in catastrophic
failure or performance degradation of the part.
The part types for which these requirements are applicable include, but are not limited to the following:
D All metal-oxide semiconductor (MOS) devices; e.g., CMOS, PMOS, etc.
D Junction field-effect transistors (JFET)
D Bipolar digital and linear circuits
D Op-amps, monolithic microcircuits with MOS compensating networks, on-board MOS capacitors, or other
MOS elements
D Hybrid microcircuits and assemblies containing any of the types of devices listed
D Printed circuit boards and other types of assembly containing static-sensitive devices
D Thin-film passive devices
definitions
D Electrostatic discharge (ESD): A transfer of electrostatic charges between bodies at different electrostatic
potentials caused by direct contact or electrostatic field induction.
D Conductive material: Material having a surface resistivity of 105 Ω/square maximum.
D Static dissipative material: Material having a surface resistivity between 105 and 109 Ω/square.
D Antistatic material: Material having a surface resistivity between 109 and 1014 Ω/square.
D Surface resistivity: An inverse measure of the conductivity of a material and is the resistance of unit length
and unit width of a surface. Note: Surface resistivity of a material is numerically equal to the surface
resistance between two electrodes forming opposite sides of a square. The size of the square is immaterial.
Surface resistivity applies to both surface- and volume-conductive materials and has the dimension of
Ω/square.
D Volume resistivity: Also referred to as bulk resistivity, it is normally determined by measuring the resistance
(R) of a square of material (surface resistivity) and multiplying this value by the thickness (T).
D Ionizer: A blower that generates positive and negative ions, either by electrostatic means or from a
radioactive energy source in an airstream and distributes a layer of low-velocity ionized air over a work area
to neutralize static charges.
D Close proximity: For the purpose of this guideline, six inches or less.
device sensitivity per test circuit of Method 3015, MIL-STD-883C
D Devices are categorized according to their susceptibility to damage resulting from electrostatic discharges
(ESD).
Category
ESD Sensitivity
Class 1
0 V – 1999 V
Class 2
2000 V – 3999 V
Class 3
4000 V and above
D At TI, devices are to be protected from ESD damage from receipt at incoming inspection through assembly,
test, and shipment of completed equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com